Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE71S6155 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE71S6155
Description  SPDT Electromechanical Relay Switch DC to 12.4 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6155 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE71S6155 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6155 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6155 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6155 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
SPDT Electromechanical Relay Switch DC to 12.4 GHz, N, 50 Watts, 28V Control with Latching from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SPDT Electromechanical Relay Switch DC to 12.4 GHz, N, 50 Watts, 28V Control with Latching
PE71S6155
URL: http://www.pasternack.com/n-spdt-electromechanical-relay-switch-12.4-ghz-latching-pe71s6155-p.aspx
PE71S6155
PE71S6155 REV 1.0
SPDT Electromechanical Relay Switch DC to
12.4 GHz, N, 50 Watts, 28V Control with Latching


Similar Part No. - PE71S6155

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6150 PASTERNACK-PE71S6150 Datasheet
451Kb / 6P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6151 PASTERNACK-PE71S6151 Datasheet
451Kb / 6P
   SPDT Electromechanical Relay Switch DC to
PE71S6152 PASTERNACK-PE71S6152 Datasheet
407Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6153 PASTERNACK-PE71S6153 Datasheet
407Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6154 PASTERNACK-PE71S6154 Datasheet
404Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
More results

Similar Description - PE71S6155

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6152 PASTERNACK-PE71S6152 Datasheet
407Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6156 PASTERNACK-PE71S6156 Datasheet
408Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6163 PASTERNACK-PE71S6163 Datasheet
405Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6162 PASTERNACK-PE71S6162 Datasheet
404Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6158 PASTERNACK-PE71S6158 Datasheet
397Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6160 PASTERNACK-PE71S6160 Datasheet
408Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6150 PASTERNACK-PE71S6150 Datasheet
451Kb / 6P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6153 PASTERNACK-PE71S6153 Datasheet
407Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6157 PASTERNACK-PE71S6157 Datasheet
409Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6154 PASTERNACK-PE71S6154 Datasheet
404Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com