Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1282-15CC Datasheet(PDF) 6 Page - Pyramid Semiconductor Corporation

Part # P4C1282-15CC
Description  ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1282-15CC Datasheet(HTML) 6 Page - Pyramid Semiconductor Corporation

Back Button P4C1282-15CC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1282-15CC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1282-15CC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1282-15CC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1282-15CC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1282-15CC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1282-15CC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1282-15CC Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C1282-15CC Datasheet HTML 10Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
P4C1281/P4C1282 - ULTRA HIGH SPEED 64K x 4 CMOS STATIC RAMS
Page 6
Document # SRAM136 REV OR
AC TEST COnDITIOnS
TRUTH TABLE
P4C1281 (P4C1282)
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
3ns
Input Timing Reference Level
1.5V
Output Timing Reference Level
1.5V
Output Load
See Figures 1 and 2
Mode
CE
WE
I/O
Power
Standby
H
x
High Z
Standby
Read
L
H
D
OUT
Active
Write
L
L
D
IN (High Z)
Active
Figure 1. Output Load
Figure 2. Thevenin Equivalent
* including scope and test fixture.
note:
Because of the ultra-high speed of the P4C1281 and P4C1282, care
must be taken when testing this device; an inadequate setup can cause
a normal functioning part to be rejected as faulty. Long high-inductance
leads that cause supply bounce must be avoided by bringing the V
CC
and ground planes directly up to the contactor fingers. A 0.01 µF high
frequency capacitor is also required between V
CC and ground. To avoid
signalreflections,properterminationmustbeused;forexample,a50Ωtest
environment should be terminated into a 50Ω load with 1.73V (Thevenin
Voltage) at the comparator input, and a 116Ω resistor must be used in
series with D
OUT to match 166Ω (Thevenin Resistance).


Similar Part No. - P4C1282-15CC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C1256-12CC ETC1-P4C1256-12CC Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C1256-12CCLF PYRAMID-P4C1256-12CCLF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256-12CILF PYRAMID-P4C1256-12CILF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
More results

Similar Description - P4C1282-15CC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
   ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
   ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com