Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE71S6142 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE71S6142
Description  SP6T Electromechanical Relay Switch DC to 40 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6142 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE71S6142 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6142 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6142 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6142 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6142 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6142 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TECHNICAL DATA SHEET
SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 10 Watts, 12V Control with Normally Open from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 10 Watts, 12V Control with
Normally Open PE71S6142
URL: http://www.pasternack.com/2.92mm-sp6t-electromechanical-relay-switch-40-ghz-normally-open-pe71s6142-p.aspx
PE71S6142
PE71S6142 REV 1.0
SP6T Electromechanical Relay Switch DC to 40 GHz,
2.92mm, 10 Watts, 12V Control with Normally Open


Similar Part No. - PE71S6142

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6140 PASTERNACK-PE71S6140 Datasheet
452Kb / 6P
   SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
PE71S6141 PASTERNACK-PE71S6141 Datasheet
446Kb / 6P
   SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
PE71S6143 PASTERNACK-PE71S6143 Datasheet
445Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6144 PASTERNACK-PE71S6144 Datasheet
470Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6145 PASTERNACK-PE71S6145 Datasheet
450Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
More results

Similar Description - PE71S6142

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6143 PASTERNACK-PE71S6143 Datasheet
445Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6146 PASTERNACK-PE71S6146 Datasheet
444Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6147 PASTERNACK-PE71S6147 Datasheet
468Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6144 PASTERNACK-PE71S6144 Datasheet
470Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6145 PASTERNACK-PE71S6145 Datasheet
450Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6149 PASTERNACK-PE71S6149 Datasheet
455Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6316 PASTERNACK-PE71S6316 Datasheet
504Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz, SMA
PE71S6315 PASTERNACK-PE71S6315 Datasheet
504Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz, SMA
PE71S6119 PASTERNACK-PE71S6119 Datasheet
495Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6139 PASTERNACK-PE71S6139 Datasheet
446Kb / 6P
   SP4T Electromechanical Relay Switch DC to 40 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com