Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1257L35JI Datasheet(PDF) 3 Page - Pyramid Semiconductor Corporation

Part # P4C1257L35JI
Description  ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1257L35JI Datasheet(HTML) 3 Page - Pyramid Semiconductor Corporation

  P4C1257L35JI Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1257L35JI Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1257L35JI Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1257L35JI Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1257L35JI Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1257L35JI Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1257L35JI Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1257L35JI Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1257L35JI Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
P4C1257/P4C1257L - ULTRA HIGH SPEED 256K X 1 STATIC CMOS RAMS
Page 3
Document # SRAM137 REV 01
Sym Parameter
-12
-15
-20
-25
-35
-45
-55
-70
Unit
Min Max Min Max Min Max Min Max Min Max Min Max Min Max Min Max
t
RC
Read Cycle
Time
12
15
20
25
35
45
55
70
ns
t
AA
Address Ac-
cess Time
12
15
20
25
35
45
55
70
ns
t
AC
Chip Enable
Access Time
12
15
20
25
35
45
55
70
ns
t
OH
Output Hold
from Address
Change
2
2
2
2
2
2
2
2
ns
t
LZ
Chip Enable
to Output in
Low Z
2
2
2
2
2
2
2
2
ns
t
HZ
Chip Disable
to Output in
High Z
6
8
10
12
17
20
25
30
ns
t
PU
Chip Enable
to Power Up
Time
0
0
0
0
0
0
0
0
ns
t
PD
Chip Disable to
Power Down
12
15
20
25
35
45
55
70
ns
AC ELECTRICAL CHARACTERISTICS—READ CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
TIMIng WAVEFORM OF READ CYCLE nO. 1 (ADDRESS COnTROLLED)(5,6)
DATA RETEnTIOn CHARACTERISTICS (P4C1257L)
Sym Parameter
Test Conditions
Min
Typ* V
CC=
Max V
CC=
Unit
2.0V
3.0V
2.0V
3.0V
V
DR
V
CC for Data Retention
2.0
V
I
CCDR
Data Retention Current
CE ≥ V
CC -0.2V,
V
IN ≥ VCC -0.2V
or V
IN ≤ 0.2V
10
15
600
900
µA
t
CDR
Chip Deselect to Data Retention Time
0
ns
t
R
Operation Recovery Time
t
RC
§
ns
* T
A = +25°C
§ t
RC = Read Cycle Time
† This Parameter is guaranteed but not tested


Similar Part No. - P4C1257L35JI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
List of Unclassifed Man...
P4C1256-12CC ETC1-P4C1256-12CC Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C1256-12CCLF PYRAMID-P4C1256-12CCLF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256-12CILF PYRAMID-P4C1256-12CILF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
More results

Similar Description - P4C1257L35JI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
P4C187 PYRAMID-P4C187 Datasheet
314Kb / 12P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
   ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C164 PYRAMID-P4C164 Datasheet
182Kb / 16P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
   ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
logo
Force Technologies Ltd
FT6264 FORCE-FT6264 Datasheet
953Kb / 17P
   ULTRA HIGH SPEED 8K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
   ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com