Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1299-35PM Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P4C1299-35PM
Description  ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C1299-35PM Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P4C1299-35PM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C1299-35PM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C1299-35PM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C1299-35PM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C1299-35PM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C1299-35PM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C1299-35PM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C1299-35PM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C1299-35PM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
P4C1299/P4C1299L - ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
Page 5
Document #SRAM144 REV OR
AC CHARACTERISTICS—WRITE CYCLE
(V
CC = 5V ± 10%, All Temperature Ranges)
(2)
Sym Parameter
-15
-20
-25
-35
-45
Unit
Min Max Min Max Min Max Min Max Min Max
t
WC
Write Cycle Time
10
12
15
20
25
ns
t
CW
Chip Enable Time to End of Write
8
10
12
15
18
ns
t
AW
Address Valid to End of Write
8
10
12
15
18
ns
t
AS
Address Setup Time
0
0
0
0
0
ns
t
WP
Write Pulse Width
8
10
12
15
18
ns
t
AH
Address Hold Time
0
0
0
0
0
ns
t
DW
Data Valid to End of Write
7
8
10
12
15
ns
t
DH
Data Hold Time
0
0
0
0
0
ns
t
WZ
Write Enable to Output in High Z
6
7
8
10
15
ns
t
OW
Output Active from End of Write
0
0
0
0
0
ns
TIMIng WAVEFORM OF WRITE CYCLE nO. 1 (WE COnTROLLED)(9)
Notes:
10. CE
1,2 and WE must be LOW for WRITE cycle.
11. OE is LOW for this WRITE cycle to show t
WZ and tOW.
12. If CE
1,2 goes HIGH simultaneously with WE HIGH, the output remains
in a high impedance state
13. Write Cycle Time is measured from the last valid address to the first
transitioning address.


Similar Part No. - P4C1299-35PM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298-15CC PYRAMID-P4C1298-15CC Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298-15CI PYRAMID-P4C1298-15CI Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298-15CM PYRAMID-P4C1298-15CM Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298-15CMB PYRAMID-P4C1298-15CMB Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
More results

Similar Description - P4C1299-35PM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
   ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Integrated Silicon Solu...
IS61WV6416BLL ISSI-IS61WV6416BLL Datasheet
101Kb / 16P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W24512A WINBOND-W24512A Datasheet
214Kb / 10P
   64K X 8 HIGH SPEED CMOS STATIC RAM
W26L010A WINBOND-W26L010A Datasheet
131Kb / 10P
   64K X 16 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C6416AL ISSI-IS61C6416AL Datasheet
92Kb / 17P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS61C512 ICSI-IS61C512 Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com