Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYA28C256-12LM Datasheet(PDF) 4 Page - Pyramid Semiconductor Corporation

Part # PYA28C256-12LM
Description  Access Times of 150, 200, 250 and 350ns Software Data Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28C256-12LM Datasheet(HTML) 4 Page - Pyramid Semiconductor Corporation

  PYA28C256-12LM Datasheet HTML 1Page - Pyramid Semiconductor Corporation PYA28C256-12LM Datasheet HTML 2Page - Pyramid Semiconductor Corporation PYA28C256-12LM Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYA28C256-12LM Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYA28C256-12LM Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYA28C256-12LM Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28C256-12LM Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28C256-12LM Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28C256-12LM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PYA28C256 - 32K x 8 EEPROM
Page 4
Document # EEPROM104 REV 03
DC ELECTRICAL CHARACTERISTICS
(Over Recommended Operating Temperature & Supply Voltage)(2)
Sym Parameter
Value
Unit
V
CC
Power Supply Pin with
Respect to GND
-0.3 to +6.25
V
V
TERM
Terminal Voltage with
Respect to GND (up to
6.25V)
-0.5 to +6.25
V
T
A
Operating Temperature
-55 to +125
°C
T
BIAS
Temperature Under Bias
-55 to +125
°C
T
STG
Storage Temperature
-65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
MAxIMUM RATIngS(1)
RECOMMEnDED OPERATIng COnDITIOnS
grade(2)
Ambient Temp
gnD
V
CC
Military
-55°C to +125°C
0V
5.0V ± 10%
CAPACITAnCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0MHz)
Sym
Parameter
Conditions Typ Unit
C
IN
Input Capacitance
V
IN = 0V
10
pF
C
OUT
Output Capacitance
V
OUT = 0V
10
pF
Sym Parameter
Test Conditions
PYA28C010
Unit
Min
Max
V
IH
Input High Voltage
2.0
V
CC + 0.3
V
V
IL
Input Low Voltage
-0.5(3)
0.8
V
V
HC
CMOS Input High Voltage
V
CC - 0.2
V
CC + 0.5
V
V
LC
CMOS Input Low Voltage
-0.5(3)
0.2
V
V
OL
Output Low Voltage (TTL Load)
I
OL = +2.1 mA, VCC = Min
0.45
V
V
OH
Output High Voltage (TTL Load)
I
OH = -0.4 mA, VCC = Min
2.4
V
I
LI
Input Leakage Current
V
CC = Max
V
IN = GND to VCC
-10
+10
µA
I
LO
Output Leakage Current
V
CC = Max, CE = VIH,
V
OUT = GND to VCC
-10
+10
µA
I
SB
Standby Power Supply Current (TTL Input Levels)
CE ≥ V
IH, OE = VIL,
V
CC = Max,
f = Max, Outputs Open
3
mA
I
SB1
Standby Power Supply Current (CMOS Input Levels)
CE ≥ V
HC,
V
CC = Max,
f = 0, Outputs Open,
V
IN ≤ VLC or VIN ≥ VHC
300
µA
I
CC
Supply Current
CE = OE = V
IL,
WE = V
IH,
All I/O's = Open,
Inputs = V
CC = 5.5V
60
mA
notes:
1. Stresses greater than those listed under MAxIMuM RAtINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to MAxIMUM rating conditions for extended
periods may affect reliability.
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3.TransientinputswithV
IL and IIL not more negative than -3.0V and -100mA,
respectively, are permissible for pulse widths up to 20ns.
4. This parameter is sampled and not 100% tested.


Similar Part No. - PYA28C256-12LM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PYA28C010-12CWM PYRAMID-PYA28C010-12CWM Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PYA28C010-12CWMB PYRAMID-PYA28C010-12CWMB Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PYA28C010-12FSM PYRAMID-PYA28C010-12FSM Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PYA28C010-12FSMB PYRAMID-PYA28C010-12FSMB Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
More results

Similar Description - PYA28C256-12LM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C16 PYRAMID-PYA28C16 Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
PYA28C16B PYRAMID-PYA28C16B Datasheet
663Kb / 10P
   Access Times of 150, 200, 250 and 350ns Byte Write Cycle Time - 10 ms Maximum
PYA28C64 PYRAMID-PYA28C64 Datasheet
676Kb / 10P
   Access Times of 150, 200, 250 and 350ns Fast Byte Write (200us or 1 ms)
PYA28HC256 PYRAMID-PYA28HC256 Datasheet
798Kb / 15P
   Access Times of 70, 90 and 120ns Software Data Protection
PYX28HC64 PYRAMID-PYX28HC64 Datasheet
717Kb / 11P
   Access Times of 70, 90, and 120ns Software Data Protection
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
logo
ATMEL Corporation
AT28BV64B ATMEL-AT28BV64B_14 Datasheet
398Kb / 17P
   Hardware and Software Data Protection
logo
SHANGHAI BELLING CO., L...
BL24S64 BELLING-BL24S64 Datasheet
421Kb / 12P
   Software data Protection
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
   Fast Access Times of 10 to 25ns
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com