Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYA28C16BE-20CWMB Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # PYA28C16BE-20CWMB
Description  Access Times of 150, 200, 250 and 350ns Byte Write Cycle Time - 10 ms Maximum
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

PYA28C16BE-20CWMB Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  PYA28C16BE-20CWMB Datasheet HTML 1Page - Pyramid Semiconductor Corporation PYA28C16BE-20CWMB Datasheet HTML 2Page - Pyramid Semiconductor Corporation PYA28C16BE-20CWMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation PYA28C16BE-20CWMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation PYA28C16BE-20CWMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation PYA28C16BE-20CWMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation PYA28C16BE-20CWMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation PYA28C16BE-20CWMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation PYA28C16BE-20CWMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document # EEPROM109 REV OR
Revised October 2012
PYA28C16B
2K X 8 EEPROM
FEATURES
Access Times of 150, 200, 250 and 350ns
Single 5V±10% Power Supply
Byte Write Cycle Time - 10 ms Maximum
Low Power CMOS:
- 60 mA Active Current
- 150 µA Standby Current
Fast Write Cycle Time - DATA Polling
CMOS & TTL Compatible Inputs and Outputs
Endurance:
- 10,000 Write Cycles
- 100,000 Write Cycles (optional)
Data Retention: 10 Years
Available in the following package:
– 24-Pin 600 mil Ceramic DIP
– 32-Pin Ceramic LCC (450x550 mils)
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
DIP (C12)
DESCRIPTION
The PYA28C16B is a 5 Volt 2Kx8 EEPROM. The PY-
A28C16B is a 16K memory organized as 2,048 words by
8 bits. Data Retention is 10 Years. The device is available
in a 24-Pin 600 mil wide Ceramic DIP and 32-Pin LCC.
LCC (L6)


Similar Part No. - PYA28C16BE-20CWMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYA28C16 PYRAMID-PYA28C16 Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
PYA28C16-15CWM PYRAMID-PYA28C16-15CWM Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
PYA28C16-15CWMB PYRAMID-PYA28C16-15CWMB Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
PYA28C16-15LM PYRAMID-PYA28C16-15LM Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
PYA28C16-15LMB PYRAMID-PYA28C16-15LMB Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
More results

Similar Description - PYA28C16BE-20CWMB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYA28C64 PYRAMID-PYA28C64 Datasheet
676Kb / 10P
   Access Times of 150, 200, 250 and 350ns Fast Byte Write (200us or 1 ms)
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C256 PYRAMID-PYA28C256 Datasheet
796Kb / 14P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C16 PYRAMID-PYA28C16 Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
logo
ATMEL Corporation
AT28C17 ATMEL-AT28C17_14 Datasheet
201Kb / 12P
   Self-Timed Byte Write Cycle
AT28C16 ATMEL-AT28C16_14 Datasheet
179Kb / 12P
   Self-Timed Byte Write Cycle
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
   Fast Access Times of 10 to 25ns
logo
Pentair plc. All rights...
742 PENTAIR-742 Datasheet
232Kb / 2P
   TIME CLOCK CONTROL WITH FULLY PROGRAMMABLE CYCLE TIMES AND SALT AMOUNT
logo
ATMEL Corporation
TK5561A-PP ATMEL-TK5561A-PP Datasheet
252Kb / 10P
   READ/WRITE CRYPTO TRANSPONDER FOR SHORT CYCLE TIME
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com