Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3C1256L85TMBLF Datasheet(PDF) 7 Page - Pyramid Semiconductor Corporation

Part # P3C1256L85TMBLF
Description  LOW POWER 32K x 8 STATIC CMOS RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1256L85TMBLF Datasheet(HTML) 7 Page - Pyramid Semiconductor Corporation

Back Button P3C1256L85TMBLF Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 9Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 10Page - Pyramid Semiconductor Corporation P3C1256L85TMBLF Datasheet HTML 11Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
P3C1256L - 32K x 8 STATIC CMOS RAM
Page 7
Document # SRAM143 REV A
DATA RETEnTIOn CHARACTERISTICS
DATA RETEnTIOn WAVEFORM
Sym
Parameter
Test Conditions
Min
Typ.*
V
CC =
Max
V
CC =
Unit
2.0V
3.0V
2.0V
3.0V
V
DR
V
CC for Data Retention
2.0
V
I
CCDR
Data Retention Current
CE ≥ V
CC - 0.2V,
V
IN ≥ VCC - 0.2V
or V
IN ≤ 0.2V
10
15
80
120
µA
t
CDR
Chip Deselect to Data Reten-
tion Time
0
ns
t
R
Operation Recovery Time
t
RC
§
ns
* TA = +25°C
t
RC
§
= Read Cycle Time
† = This parameter is guaranteed but not tested.


Similar Part No. - P3C1256L85TMBLF

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P3C1256 PYRAMID-P3C1256 Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
P3C125612JC PYRAMID-P3C125612JC Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
P3C125612JI PYRAMID-P3C125612JI Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
P3C125612TC PYRAMID-P3C125612TC Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
P3C125612TI PYRAMID-P3C125612TI Datasheet
265Kb / 10P
   HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
More results

Similar Description - P3C1256L85TMBLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C256 ICSI-IC62C256 Datasheet
123Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com