Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3C1021-20JC Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P3C1021-20JC
Description  HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1021-20JC Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P3C1021-20JC Datasheet HTML 1Page - Pyramid Semiconductor Corporation P3C1021-20JC Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1021-20JC Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1021-20JC Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1021-20JC Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1021-20JC Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1021-20JC Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1021-20JC Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1021-20JC Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
P3C1021
Page 2 of 10
Document # SRAM134 REV OR
MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
–0.5 to +4.6
V
Respect to GND
Terminal Voltage with
–0.5 to
V
TERM
Respect to GND
V
CC +0.5
V
T
A
OperatingTemperature
–55 to +125
°C
Symbol
Parameter
Value
Unit
T
BIAS
TemperatureUnder
–55 to +125
°C
Bias
T
STG
StorageTemperature
–65 to +150
°C
I
OUT
DC Output Current
20
mA
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
I
SB
Standby Power Supply
Current (TTL Input Levels)
CE
≥ V
IH
V
CC= Max,
f = Max., Outputs Open
V
IN ≥ VIH or VIN ≤ VIL
CE
≥ V
CC - 0.2V
V
CC= Max,
f = 0, Outputs Open
V
IN ≥ VCC - 0.3V or
V
IN ≤ 0.3V
Standby Power Supply
Current
(CMOS Input Levels)
I
SB1
Industrial
Grade(2)
Ambient
Temperature
GND
V
CC
0V
0V
3.3V ± 0.3V
3.3V ± 0.3V
Symbol
C
IN
C
OUT
Parameter
Input Capacitance
Output Capacitance
Conditions
V
IN = 0V
V
OUT = 0V
8
8
Unit
pF
pF
CAPACITANCES(4)
V
CC = 3.3V, TA = 25°C, f = 1.0MHz
Symbol
DC ELECTRICAL CHARACTERISTICS
Over recommended operating temperature and supply voltage(2)
V
IH
I
LI
I
LO
Parameter
Input High Voltage
Input Low Voltage
Input Leakage Current
Test Conditions
V
CC = Max.
V
IN = GND to VCC
V
CC = Max.,
CE = V
IH,
V
OUT = GND to VCC
Typ.
Commercial
–40°C to +85°C
0°C to +70°C
Unit
V
V
µA
µA
mA
mA
V
OL
Output Low Voltage
(TTL Load)
I
OL = +8 mA, VCC = Min.
V
Output High Voltage
(TTL Load)
V
OH
I
OH = –4 mA, VCC = Min.
V
Output Leakage Current
P3C1021
___
15
5
___
Min
2.0
–0.3(3)
-1
-1
Max
V
CC +0.3
0.8
+1
+1
0.4
2.4
V
IL


Similar Part No. - P3C1021-20JC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
P3C1024L55SC PYRAMID-P3C1024L55SC Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
P3C1024L55SI PYRAMID-P3C1024L55SI Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
P3C1024L55TC PYRAMID-P3C1024L55TC Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results

Similar Description - P3C1021-20JC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71016S RENESAS-71016S Datasheet
201Kb / 10P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
logo
Integrated Device Techn...
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
logo
Integrated Device Techn...
71V016SA10PHG IDT-71V016SA10PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016SA IDT-IDT71V016SA Datasheet
100Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71T016SA IDT-IDT71T016SA Datasheet
109Kb / 9P
   2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Integrated Circuit Solu...
IC61C6416 ICSI-IC61C6416 Datasheet
135Kb / 10P
   64K X 16 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com