Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX7-705-SQ-HP Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # TX7-705-SQ-HP
Description  High precision analogue temperature compensated SMD TCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

TX7-705-SQ-HP Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  TX7-705-SQ-HP Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TX7-705-SQ-HP
High precision analogue temperature compensated
SMD TCXO
Specifications subject to change without notice
0011/65/EU RoHS compliant
21 Feb. 15
QuartzCom AG
Fax
+41 32 644 24 05
Bischmattstrasse 11
Tel
+41 32 644 24 00
CH 2544 Bettlach
E-Mail
sales@quartzcom.com
Switzerland
www.quartzcom.com
Features
Applications: instrumentation, synchronisation, satellite navigation
High frequency stability vs. temperature:
± 0.10 ~ ± 0.5 ppm
Output signal Clipped sine wave or CMOS
Low phase noise, high reliability
Standard frequencies
10, 12.2880, 12.8, 16.384, 20, 25, 30, 32, 32.768,
33.6, 40, 49.152 & 50 MHz
Frequency range
5.0 ~ 52.0 MHz
Frequency stability vs. temperature
reference to (FMAX+FMIN)/2
≤ ±0.5 ppm
over -40 to +85 °C
standard
≤ ±0.2 ppm
over -40 to +85 °C
on request
≤ ±1.0 ppm
over -55 to +95 °C
on request
vs. supply voltage changes
reference to frequency at nominal supply
≤ ±0.05 ppm
±5 %
vs. load changes
reference to frequency at nominal load
≤ ±0.05 ppm
±10 %
vs. aging
≤ ±1.0 ppm
1
st year
Frequency slope
≤ 0.05 ppm/°C
over operating temperature
G-sensitivity
< 1.5 ppb/g
Gamma
Γ
standard
< 0.5 ppb/g
Gamma
Γ
on request
Short term stability (ADEV)
< 1 x 10
-10
τ = 1 s
Supply voltage (nominal value needs to be defined)
+2.7 V to +5.0 V
(2.7 V, 3.0 V, 3.3 V & 5.0 V)
Supply current
1.5 ~ 8 mA
10 MHz ~ 52 MHz
Output signal
Clipped sine wave
CMOS
Output level
> 0.8 Vp-p
VOH > 0.9 x Vdc / VOL < 0.1 x Vdc
Output load
10 k
Ω // 10 pF
≤ 15 pF
Symmetry (duty cycle)
45 / 55 %
@ ½ Vdc
Tri-state function
Input
≥ 0.7 x Vdc or open
Output
 oscillation
Input
≤ 0.3 x Vdc or GND
Output
 high impedance
Phase noise @ 20.0 MHz
< -125 dBc/Hz
@
100 Hz
< -145 dBc/Hz
@
1 kHz
< -155 dBc/Hz
@
10 kHz
< -155 dBc/Hz
@
100 kHz
Operating temperature range
-20 ~ +70 °C
indoor
-40 ~ +85 °C
outdoor
-55 ~ +95 °C
(extended temperature range on request)
Storage temperature range
-55 ~ +125 °C
Reflow Profiles as per IPC/JEDEC J-STD-020C
≤ 260 °C over 10 sec. Max.
Moisture sensitivity
Level 1 (unlimited)
Pin function
# 1
GND or not connected
# 5
GND
# 6
Output
# 9
NC or E/D
# 10
Vdc
Do not connect #2, #3, #4, #7, #8
Solder pattern
Test circuit
(CSW)


Similar Part No. - TX7-705-SQ-HP

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
TX7-705-SQ-ST3 QUARTZCOM-TX7-705-SQ-ST3 Datasheet
107Kb / 1P
   High precision analogue compensated STRATUM III SMD TCXO
More results

Similar Description - TX7-705-SQ-HP

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VT7-705-SQ-HP QUARTZCOM-VT7-705-SQ-HP Datasheet
106Kb / 1P
   High precision analogue temperature compensated SMD VC-TCXO
TX7-705-TQ QUARTZCOM-TX7-705-TQ Datasheet
100Kb / 1P
   High precision analogue compensated SMD TCXO
VT7-705-TQ-HP QUARTZCOM-VT7-705-TQ-HP Datasheet
103Kb / 1P
   High precision analogue temperature compensated SMD VC-TCXO
TX7-503-SQ-HP QUARTZCOM-TX7-503-SQ-HP Datasheet
111Kb / 1P
   High precision analogue temperature compensated small packaged SMD TCXO
VT7-503-SQ-HP QUARTZCOM-VT7-503-SQ-HP Datasheet
189Kb / 2P
   High precision analogue temperature compensated small packaged SMD VC-TCXO
TX7-705-TQ-ST3 QUARTZCOM-TX7-705-TQ-ST3 Datasheet
104Kb / 1P
   High precision analogue compensated STRATUM III SMD TCXO
TX7-503C-SQ-ST3 QUARTZCOM-TX7-503C-SQ-ST3 Datasheet
100Kb / 1P
   High precision analogue compensated STRATUM III SMD TCXO
TX7-503-SQ-ST3 QUARTZCOM-TX7-503-SQ-ST3 Datasheet
100Kb / 1P
   High precision analogue compensated STRATUM III SMD TCXO
TX7-705-SQ-ST3 QUARTZCOM-TX7-705-SQ-ST3 Datasheet
107Kb / 1P
   High precision analogue compensated STRATUM III SMD TCXO
TX6-464H-ST3 QUARTZCOM-TX6-464H-ST3 Datasheet
92Kb / 1P
   High precision analogue compensated STRATUM III through hole TCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com