Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QSF406A4-38 Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # QSF406A4-38
Description  406 MHz SMD RF-SAW filter COSPAS-SARSAT emergency beacon Class 1 & 2
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

QSF406A4-38 Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  QSF406A4-38 Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
QSF406A4-38
406 MHz
SMD RF-SAW filter
Application:
COSPAS-SARSAT emergency beacon Class 1 & 2
2011/65/EU
RoHS
compliant
Page 1 of 1
15 Jan. 14
QuartzCom AG
Fax
+41 32 644 24 05
Bischmattstrasse 11
Tel
+41 32 644 24 00
CH 2544 Bettlach
E-Mail
sales@quartzcom.com
Switzerland
www.quartzcom.com
Parameters Description
Unit
Value
Remarks
Centre frequency (Fo)
MHz
406
Passband width (404 ~ 408 MHz)
MHz
> ±2
Insertion loss (404 ~ 408 MHz)
dB
< ±3.5
±2 Typ.
Peak to peak ripple (404 ~ 408 MHz)
MHz
< 2.0
1.0 Typ.
Stop band rejection
Fo -100 ~ Fo -40.8 MHz
dB
> 50
55 Typ.
Fo +40.8 ~ Fo +100 MHz
dB
> 50
55 Typ.
Terminating impedance
50
Maximum DC voltage
V
10
Maximum input power
dBm
10
Temperature coefficient
Ppm/°C
-32
Operating temperature
°C
-40 ~ +85
+25 Typ.
Storage temperature range
°C
-40 ~ +85
Typical Performance
Package Dimension
Matching Configuration
A. Source Load Impedance = 50
Ω
 L1 = L2 = 0
Ω (short circuit)
B. Source Load Impedance = 150
Ω  L1 = L2 = 100 Ω


Similar Part No. - QSF406A4-38

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
QSF-502-C ATGBICS-QSF-502-C Datasheet
540Kb / 15P
   QSF-502 Gigamon Systems Compatible Transceiver QSFP 40GBase-SR4 (850nm, MMF, 150m, MTP/MPO, DOM)
logo
Adam Technologies, Inc.
QSFC1-EG-X ADAM-TECH-QSFC1-EG-X Datasheet
1Mb / 8P
   909 Rahway Avenue
QSFC1-ES-X ADAM-TECH-QSFC1-ES-X Datasheet
3Mb / 8P
   909 Rahway Avenue
QSFC2-EG-X ADAM-TECH-QSFC2-EG-X Datasheet
1Mb / 9P
   909 Rahway Avenue
QSFC4-EG-X ADAM-TECH-QSFC4-EG-X Datasheet
1Mb / 9P
   909 RahwayAvenue
More results

Similar Description - QSF406A4-38

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
OCXOVT-SAR MICROCRYSTAL-OCXOVT-SAR Datasheet
795Kb / 2P
   Cospas Sarsat compliant
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
   OCXO for Cospas-Sarsat Beacons
logo
Golledge Electronics Lt...
OCXOVT-S GOLLEDGE-OCXOVT-S Datasheet
540Kb / 4P
   5V OCXO Sine Output Cospas-Sarsat
logo
Advanced XTAL Products
AXLE7050CS AXTAL-AXLE7050CS Datasheet
151Kb / 3P
   High Stability SMD 7x5 mm TCXO for COSPAS SARSAT
logo
Transko Electronics, In...
TXCS TRANSKO-TXCS Datasheet
520Kb / 1P
   COSPAS-SARSAT BEACONS CERAMIC SMD TCXO (7.0 x 5.0 x 2.0mm)
Rev. 2: Jan. 2015
logo
Oscilent Corporation
802-RF836.5M-D OSCILENT-802-RF836.5M-D Datasheet
225Kb / 2P
   836.5 MHz RF SAW Filter
803-RF868.3M-A OSCILENT-803-RF868.3M-A Datasheet
182Kb / 2P
   868.3 MHz RF SAW Filter
803-RF416.0M-A OSCILENT-803-RF416.0M-A Datasheet
202Kb / 2P
   416.0 MHz RF SAW Filter
logo
EPCOS
B9030 EPCOS-B9030 Datasheet
79Kb / 8P
   SAW RF filter 2017.50 MHz
logo
Oscilent Corporation
803-RF446.0M-A OSCILENT-803-RF446.0M-A Datasheet
226Kb / 2P
   446.0 MHz RF SAW Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com