Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P823-F-P2-19 Datasheet(PDF) 2 Page - Vincotech

Part # V23990-P823-F-P2-19
Description  flowPACK 1 3rd gen
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P823-F-P2-19 Datasheet(HTML) 2 Page - Vincotech

  V23990-P823-F-P2-19 Datasheet HTML 1Page - Vincotech V23990-P823-F-P2-19 Datasheet HTML 2Page - Vincotech V23990-P823-F-P2-19 Datasheet HTML 3Page - Vincotech V23990-P823-F-P2-19 Datasheet HTML 4Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
V23990-P823-F-PM
preliminary datasheet
flowPACK 1 3rd gen
600V/50A
Figure 5
Phase
Figure 6
Phase
Typical available 50Hz output current
Typical available 50Hz output current
as a function Mi*cosfi
Iout = f(Mi*cosfi)
as a function of switching frequency
Iout = f(fsw)
At
At
Tj =
150
°C
Tj =
150
°C
DC link =
320
V
DC link =
320
V
fsw =
16
kHz
Mi*cosfi =
0,8
Th from 60 °C to 100 °C in steps of 5 °C
Th from 60 °C to 100 °C in steps of 5 °C
Figure 7
Phase
Figure 8
Phase
Typical available 50Hz output current as a function of
Typical available 0Hz output current as a function
Mi*cosfi and switching frequency
Iout = f(fsw, Mi*cosfi)
of switching frequency
Ioutpeak = f(fsw)
At
At
Tj =
150
°C
Tj =
150
°C
DC link =
320
V
DC link =
320
V
Th =
90
°C
Th from 60 °C to 100 °C in steps of 5 °C
Mi =
0
Output Inverter Application
Th = 60°C
Th = 100°C
0
10
20
30
40
50
60
70
80
-1,0
-0,8
-0,6
-0,4
-0,2
0,0
0,2
0,4
0,6
0,8
1,0
Mi*cosfi
Th = 60°C
Th = 100°C
0
10
20
30
40
50
60
70
80
1
10
100
fsw (kHz)
1
2
4
8
16
32
64
-1,00
-0,80
-0,60
-0,40
-0,20
0,00
0,20
0,40
0,60
0,80
1,00
Iout (A)
69,0-72,0
66,0-69,0
63,0-66,0
60,0-63,0
57,0-60,0
54,0-57,0
51,0-54,0
48,0-51,0
45,0-48,0
fsw
Th = 60°C
Th = 100°C
0
10
20
30
40
50
60
70
80
1
10
100
fsw (kHz)
copyright
by Vincotech
2
Revision: 2


Similar Part No. - V23990-P823-F-P2-19

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P823-F-P2-14 VINCOTECH-V23990-P823-F-P2-14 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT3 Technology
More results

Similar Description - V23990-P823-F-P2-19

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P829-F-P2-19 VINCOTECH-V23990-P829-F-P2-19 Datasheet
404Kb / 4P
   flowPACK 1 3rd gen
V23990-P828-F10-P2-19 VINCOTECH-V23990-P828-F10-P2-19 Datasheet
412Kb / 4P
   flowPACK 1 3rd gen
V23990-P820-F-P2-19 VINCOTECH-V23990-P820-F-P2-19 Datasheet
418Kb / 4P
   flowPACK 1 3rd gen
logo
DFI Inc
RL830-C602 DFI-RL830-C602 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Xeon EATX
logo
GSR Technology Ltd
MB630-CRM GSR-MB630-CRM Datasheet
362Kb / 2P
   3rd/2nd Gen Intel짰 CoreTMa ATX
logo
Protech Systems Co., Lt...
PMB-891LF PROTECHSYSTEMS-PMB-891LF Datasheet
828Kb / 2P
   ATX MB Supports Intel짰 3rd Gen.
logo
GSR Technology Ltd
MB331-CRM GSR-MB331-CRM Datasheet
372Kb / 2P
   3rd/2nd Gen Intel짰 CoreTM microATX
SB330-CRM GSR-SB330-CRM Datasheet
333Kb / 2P
   3rd/2nd Gen Intel짰 CoreTM microATX
MB330-CRM GSR-MB330-CRM Datasheet
397Kb / 2P
   3rd/2nd Gen Intel짰 CoreTM microATX
HR100-CRM GSR-HR100-CRM Datasheet
1Mb / 2P
   3rd/2nd Gen Intel짰 CoreTM Mini-ITX
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com