Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9956PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF9956PBF
Description  ULTRA LOW ON TESISTANCE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9956PBF Datasheet(HTML) 6 Page - International Rectifier

  IRF9956PBF Datasheet HTML 1Page - International Rectifier IRF9956PBF Datasheet HTML 2Page - International Rectifier IRF9956PBF Datasheet HTML 3Page - International Rectifier IRF9956PBF Datasheet HTML 4Page - International Rectifier IRF9956PBF Datasheet HTML 5Page - International Rectifier IRF9956PBF Datasheet HTML 6Page - International Rectifier IRF9956PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRF9956PbF
SO-8 Package Outline
Dimensions are shown in millimeters (inches)
SO-8 Part Marking
e1
D
E
y
b
A
A1
H
K
L
.189
.1497
.013
.050 BAS IC
.0532
.0040
.2284
.0099
.016
.1968
.1574
.020
.0688
.0098
.2440
.0196
.050
4.80
3.80
0.33
1.35
0.10
5.80
0.25
0.40
1.27 BAS IC
5.00
4.00
0.51
1.75
0.25
6.20
0.50
1.27
MIN
MAX
MILLIMETERS
INCHES
MIN
MAX
DIM
e
c
.0075
.0098
0.19
0.25
.025 BAS IC
0.635 B AS IC
87
5
65
D
B
E
A
e
6X
H
0.25 [.010]
A
6
7
K x 45°
8X L
8X c
y
0.25 [.010]
C A B
e1
A
A1
8X b
C
0.10 [.004]
4
3
12
F OOTPRINT
8X 0.72 [.028]
6.46 [.255]
3X 1.27 [.050]
4. OUTLINE CONFORMS TO JEDEC OUTLINE MS -012AA.
NOT ES :
1. DIMENS IONING & TOLERANCING PER ASME Y14.5M-1994.
2. CONT ROLLING DIMENS ION: MILLIMET ER
3. DIMENS IONS ARE SHOWN IN MILLIMETERS [INCHES].
5 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS .
6 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS .
MOLD PROTRUS IONS NOT TO EXCEED 0.25 [.010].
7 DIMENS ION IS T HE LENGT H OF LEAD FOR SOLDERING TO
A S UBST RAT E.
MOLD PROTRUS IONS NOT TO EXCEED 0.15 [.006].
8X 1.78 [.070]
DAT E CODE (YWW)
XXXX
INT ERNAT IONAL
RECT IF IER
LOGO
F 7101
Y = LAS T DIGIT OF THE YEAR
PART NUMBER
LOT CODE
WW = WEEK
EXAMPLE: T HIS IS AN IRF7101 (MOSF ET )
P = DES IGNAT ES LEAD-FREE
PRODUCT (OPT IONAL)
A = ASSEMBLY SITE CODE


Similar Part No. - IRF9956PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9956PBF IRF-IRF9956PBF Datasheet
169Kb / 7P
   HEXFET Power MOSFET
More results

Similar Description - IRF9956PBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR024NTRL KERSEMI-IRFR024NTRL Datasheet
3Mb / 10P
   Ultra Low On-Resistance
IRFR4105PBF KERSEMI-IRFR4105PBF Datasheet
3Mb / 10P
   Ultra Low On-Resistance
IRFU3910 KERSEMI-IRFU3910 Datasheet
3Mb / 10P
   Ultra Low On-Resistance
logo
Vishay Siliconix
IRF7705PBF VISHAY-IRF7705PBF Datasheet
239Kb / 8P
   Ultra Low On-Resistance
logo
Advanced Power Electron...
APE8998B A-POWER-APE8998B_14 Datasheet
581Kb / 8P
   ULTRA LOW ON RESISTANCE
logo
International Rectifier
IRF7755PBF IRF-IRF7755PBF Datasheet
243Kb / 8P
   Ultra Low On-Resistance
IRF7329PBF IRF-IRF7329PBF_15 Datasheet
179Kb / 9P
   Ultra Low On-Resistance
IRF7401PBF IRF-IRF7401PBF_15 Datasheet
202Kb / 9P
   ULTRA LOW ON RESISTANCE
IRF7404PBF IRF-IRF7404PBF_15 Datasheet
237Kb / 9P
   ULTRA LOW ON RESISTANCE
IRF7509PBF IRF-IRF7509PBF_15 Datasheet
247Kb / 8P
   Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com