Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P820-F-P2-14 Datasheet(PDF) 9 Page - Vincotech

Part # V23990-P820-F-P2-14
Description  Compact flow1 housing
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P820-F-P2-14 Datasheet(HTML) 9 Page - Vincotech

Back Button V23990-P820-F-P2-14 Datasheet HTML 5Page - Vincotech V23990-P820-F-P2-14 Datasheet HTML 6Page - Vincotech V23990-P820-F-P2-14 Datasheet HTML 7Page - Vincotech V23990-P820-F-P2-14 Datasheet HTML 8Page - Vincotech V23990-P820-F-P2-14 Datasheet HTML 9Page - Vincotech V23990-P820-F-P2-14 Datasheet HTML 10Page - Vincotech V23990-P820-F-P2-14 Datasheet HTML 11Page - Vincotech V23990-P820-F-P2-14 Datasheet HTML 12Page - Vincotech V23990-P820-F-P2-14 Datasheet HTML 13Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
V23990-P820-F-PM
preliminary datasheet
Figure 21
Output inverter IGBT
Figure 22
Output inverter IGBT
Power dissipation as a
Collector current as a
function of heatsink temperature
function of heatsink temperature
Ptot = f(Th)IC = f(Th)
At
At
Tj =
175
°C
single heating
Tj =
175
°C
overall heating
VGE =15
V
Figure 23
Output inverter FRED
Figure 24
Output inverter FRED
Power dissipation as a
Forward current as a
function of heatsink temperature
function of heatsink temperature
Ptot = f(Th)IF = f(Th)
At
At
Tj =
175
°C
single heating
Tj =
175
°C
overall heating
Output Inverter
0
100
200
300
400
500
0
50
100
150
200
Th (
o C)
0
25
50
75
100
125
0
50
100
150
200
Th (
o C)
0
80
160
240
320
400
0
50
100
150
200
Th (
o C)
0
25
50
75
100
125
0
50
100
150
200
Th (
o C)
copyright
by Vincotech
9
Revision: 2


Similar Part No. - V23990-P820-F-P2-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P820-F-P2-19 VINCOTECH-V23990-P820-F-P2-19 Datasheet
418Kb / 4P
   flowPACK 1 3rd gen
More results

Similar Description - V23990-P820-F-P2-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P823-F10-P2-14 VINCOTECH-V23990-P823-F10-P2-14 Datasheet
1Mb / 16P
   Compact flow1 housing
V23990-P820-F10-P2-14 VINCOTECH-V23990-P820-F10-P2-14 Datasheet
2Mb / 16P
   Compact flow1 housing
V23990-P825-F10-P2-14 VINCOTECH-V23990-P825-F10-P2-14 Datasheet
1Mb / 16P
   Compact flow1 housing
10-FY06RIA080MF-M537D68 VINCOTECH-10-FY06RIA080MF-M537D68 Datasheet
3Mb / 31P
   Low inductive 12mm flow1 package
10-FY064PA050SG10-M582F08 VINCOTECH-10-FY064PA050SG10-M582F08 Datasheet
1Mb / 16P
   Low inductive 12mm flow1 package
10-FY06BIA050SG-M523E18 VINCOTECH-10-FY06BIA050SG-M523E18 Datasheet
9Mb / 27P
   Low inductive 12mm flow1 package
10-FY06BIA080MF-M527E58 VINCOTECH-10-FY06BIA080MF-M527E58 Datasheet
2Mb / 25P
   Low inductive 12mm flow1 package
10-FY07BIA041MC-M528E58 VINCOTECH-10-FY07BIA041MC-M528E58 Datasheet
2Mb / 25P
   Low inductive 12mm flow1 package
10-FY07BIA041MF-M528E68 VINCOTECH-10-FY07BIA041MF-M528E68 Datasheet
2Mb / 25P
   Low inductive 12mm flow1 package
10-F1127PA050SC-L169E09 VINCOTECH-10-F1127PA050SC-L169E09 Datasheet
2Mb / 30P
   Compact Flow 1 housing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com