Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P768-A60-D2-19 Datasheet(PDF) 2 Page - Vincotech

Part # V23990-P768-A60-D2-19
Description  flowPIM 2
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P768-A60-D2-19 Datasheet(HTML) 2 Page - Vincotech

  V23990-P768-A60-D2-19 Datasheet HTML 1Page - Vincotech V23990-P768-A60-D2-19 Datasheet HTML 2Page - Vincotech V23990-P768-A60-D2-19 Datasheet HTML 3Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
V23990-P768-A60-PM
datasheet
flowPIM 2
1200 V / 50 A
Figure 5
Phase
Figure 6
Phase
Typical available 50Hz output current
Typical available 50Hz output current
as a function Mi*cosφ
Iout = f(Mi*cos φ)
as a function of switching frequency
Iout = f(fsw)
At
At
Tj =
150
°C
Tj =
150
°C
DC link =
600
V
DC link =
600
V
fsw =
4
kHz
Mi*cos φ = 0,8
Th from
60 °C to 100 °C in steps of 5 °C
Th from
60 °C to 100 °C in steps of 5 °C
Figure 7
Phase
Figure 8
Phase
Typical available 50Hz output current as a function of
Typical available 0Hz output current as a function
Mi*cos φ and switching frequency
Iout = f(fsw, Mi*cos φ)
of switching frequency
Ioutpeak = f(fsw)
At
At
Tj =
150
°C
Tj =
150
°C
DC link =
600
V
DC link =
600
V
Th =
80
°C
Th from
60 °C to 100 °C in steps of 5 °C
Mi =
0
Output Inverter Application
Th = 60°C
Th = 100°C
0
10
20
30
40
50
60
70
80
-1,0
-0,8
-0,6
-0,4
-0,2
0,0
0,2
0,4
0,6
0,8
1,0
Mi*cos φ
Th = 60°C
Th = 100°C
0
10
20
30
40
50
60
70
80
1
10
100
fsw (kHz)
1
2
4
8
16
32
64
-1,00
-0,80
-0,60
-0,40
-0,20
0,00
0,20
0,40
0,60
0,80
1,00
Iout (A)
65,0-75,0
55,0-65,0
45,0-55,0
35,0-45,0
25,0-35,0
15,0-25,0
fsw
Th = 60°C
Th = 100°C
0
10
20
30
40
50
60
70
80
1
10
100
fsw (kHz)
copyright Vincotech
2
23 Dec 2014 / Revision 2


Similar Part No. - V23990-P768-A60-D2-19

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P768-A60-D2-14 VINCOTECH-V23990-P768-A60-D2-14 Datasheet
1Mb / 29P
   3~rectifier,BRC,Inverter, NTC
More results

Similar Description - V23990-P768-A60-D2-19

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LJB202 SCHNEIDER-LJB202 Datasheet
57Kb / 2P
   WIREWAY 2 x 2 - N12 - 2" Nipple
LJB22 SCHNEIDER-LJB22 Datasheet
57Kb / 2P
   WIREWAY 2 x 2 - N12 - 2 ft lg
logo
WAGO Kontakttechnik Gmb...
2020-2239 WAGO-2020-2239 Datasheet
647Kb / 12P
   2-conductor/2-pin double-deck carrier terminal; 2-conductor/2-pin
29.12.2021
logo
TRACO Electronic AG
TEC2 TRACOPOWER-TEC2 Datasheet
872Kb / 4P
   TEC 2 Series, 2 Watt
Rev. November 30, 2022
logo
Huber+Suhner, Inc.
26_SMP-50-2-2111_N HUBERSUHNER-26_SMP-50-2-2111_N Datasheet
151Kb / 2P
   26_SMP-50-2-2/111_N
logo
TRACO Electronic AG
TDR2 TRACOPOWER-TDR2 Datasheet
897Kb / 4P
   TDR 2 Series, 2 Watt
Rev. November 30, 2022
logo
Schneider Electric
LDB22 SCHNEIDER-LDB22 Datasheet
57Kb / 2P
   WIREWAY 2 x 2 - N1 Paint - 2 ft lg
logo
WAGO Kontakttechnik Gmb...
2022-2239 WAGO-2022-2239 Datasheet
660Kb / 14P
   2-conductor/2-pin, double-deck carrier terminal block; 2-conductor/2-pin
29.12.2021
2020-2209 WAGO-2020-2209 Datasheet
608Kb / 12P
   2-conductor/2-pin, double-deck carrier terminal block; 2-conductor/2-pin
29.12.2021
logo
Tyco Electronics
2-640362-2 MACOM-2-640362-2 Datasheet
796Kb / 1P
   2-640362-2 Product Details
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com