Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P623-L82-D2-14 Datasheet(PDF) 10 Page - Vincotech

Part # V23990-P623-L82-D2-14
Description  High efficiency dual boost
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P623-L82-D2-14 Datasheet(HTML) 10 Page - Vincotech

Back Button V23990-P623-L82-D2-14 Datasheet HTML 6Page - Vincotech V23990-P623-L82-D2-14 Datasheet HTML 7Page - Vincotech V23990-P623-L82-D2-14 Datasheet HTML 8Page - Vincotech V23990-P623-L82-D2-14 Datasheet HTML 9Page - Vincotech V23990-P623-L82-D2-14 Datasheet HTML 10Page - Vincotech V23990-P623-L82-D2-14 Datasheet HTML 11Page - Vincotech V23990-P623-L82-D2-14 Datasheet HTML 12Page - Vincotech V23990-P623-L82-D2-14 Datasheet HTML 13Page - Vincotech V23990-P623-L82-D2-14 Datasheet HTML 14Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
V23990-P623-L82-PM
Figure 17
BOOST FWD
Figure 18
BOOST FWD
Typical rate of fall of forward
Typical rate of fall of forward
and reverse recovery current as a
and reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
dI0/dt,dIrec/dt = f(Ic)
dI0/dt,dIrec/dt = f(Rgon)
At
At
Tj =
25/126
°C
Tj =
25/126
°C
VCE =
400
V
VR =
400
V
VGE =
15
V
IF =
30
A
Rgon =
8
VGS =
15
V
Figure 19
BOOST IGBT
Figure 20
BOOST FWD
IGBT/MOSFET transient thermal impedance
FWD transient thermal impedance
as a function of pulse width
as a function of pulse width
ZthJH = f(tp)
ZthJH = f(tp)
At
At
D =
tp / T
D =
tp / T
RthJH =
1,13
K/W
RthJH =
1,08
K/W
R (C/W)
Tau (s)
R (C/W)
Tau (s)
7,12E-02
8,15E+00
5,58E-02
4,07E+00
1,29E-01
6,00E-01
1,01E-01
6,75E-01
4,31E-01
9,13E-02
4,35E-01
9,24E-02
3,15E-01
2,59E-02
2,93E-01
2,59E-02
1,31E-01
5,80E-03
1,10E-01
4,04E-03
5,02E-02
8,53E-04
8,25E-02
8,42E-04
IGBT thermal model values
FWD thermal model values
INPUT BOOST ( T1 , T2 / D1 , D4 )
0
3000
6000
9000
12000
15000
0
8
16
24
32
40
R Gon ( Ω)
dI0/dt
dIrec/dt
t p (s)
10
1
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
110
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
t p (s)
10
1
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
0
3000
6000
9000
12000
15000
0
10
20
30
40
50
60
I C (A)
dI0/dt
dIrec/dt
10
Revision: 2.1
Copyright by Vincotech


Similar Part No. - V23990-P623-L82-D2-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P623-L82-D2-19 VINCOTECH-V23990-P623-L82-D2-19 Datasheet
316Kb / 3P
   Typical average static loss as a function of input current
More results

Similar Description - V23990-P623-L82-D2-14

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P629-F72-PM VINCOTECH-V23990-P629-F72-PM Datasheet
1Mb / 19P
   High efficiency dual boost
V23990-P629-L63-PM VINCOTECH-V23990-P629-L63-PM Datasheet
946Kb / 19P
   High efficiency dual boost
V23990-P629-F73-PM VINCOTECH-V23990-P629-F73-PM Datasheet
1Mb / 19P
   High efficiency dual boost
10-F106BIB020FK-M285L VINCOTECH-10-F106BIB020FK-M285L Datasheet
452Kb / 5P
   High efficiency symmetric boost
logo
Richtek Technology Corp...
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
logo
Vincotech
10-PZ06NBA041FS-P915L68Y VINCOTECH-10-PZ06NBA041FS-P915L68Y Datasheet
2Mb / 17P
   High efficiency symmetric boost
10-FZ07NBA075SM-P916L58 VINCOTECH-10-FZ07NBA075SM-P916L58 Datasheet
1Mb / 19P
   High efficiency symmetric boost
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
   High Efficiency Boost Converter
logo
Monolithic Power System...
EV3900DK-00B MPS-EV3900DK-00B Datasheet
223Kb / 4P
   High Efficiency Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com