Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9388PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF9388PBF
Description  Industry-Standard SO8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9388PBF Datasheet(HTML) 1 Page - International Rectifier

  IRF9388PBF_15 Datasheet HTML 1Page - International Rectifier IRF9388PBF_15 Datasheet HTML 2Page - International Rectifier IRF9388PBF_15 Datasheet HTML 3Page - International Rectifier IRF9388PBF_15 Datasheet HTML 4Page - International Rectifier IRF9388PBF_15 Datasheet HTML 5Page - International Rectifier IRF9388PBF_15 Datasheet HTML 6Page - International Rectifier IRF9388PBF_15 Datasheet HTML 7Page - International Rectifier IRF9388PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
6/4/10
IRF9388PbF
HEXFET® Power MOSFET
Notes
 through † are on page 2
PD - 97521
Features and Benefits
Applications
Adaptor Input Switch for Notebook PC
Features
Resulting Benefits
SO-8






*
6
6
6
'
'
'
'
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
V
A
W
°C
Max.
-12
-9.6
-96
± 25
-30
-55 to + 150
2.5
0.02
1.6
Note
Form
Quantity
IRF9388PbF
SO8
Tube/Bulk
95
IRF9388TRPbF
SO8
Tape and Reel
4000
Orderable part number
Package Type
Standard Pack
25V VGS max
Direct Drive at High VGS
Industry-Standard SO8 Package
Multi-Vendor Compatibility
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier
VDS
-30
V
VGS max
±25
V
RDS(on) max
(@VGS = -10V)
11.9
m
Ω
ID
(@TA = 25°C)
-12
A


Similar Part No. - IRF9388PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9388PBF IRF-IRF9388PBF Datasheet
314Kb / 8P
   Adaptor Input Switch for Notebook PC
More results

Similar Description - IRF9388PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9392PBF IRF-IRF9392PBF_15 Datasheet
288Kb / 8P
   Industry-Standard SO8 Package
IRF9333PBF IRF-IRF9333PBF_15 Datasheet
318Kb / 8P
   Industry-Standard SO8 Package
IRF9393PBF IRF-IRF9393PBF_15 Datasheet
262Kb / 8P
   Industry-Standard SO8 Package
IRF9317PBF IRF-IRF9317PBF_15 Datasheet
225Kb / 8P
   Industry-Standard SO8 Package
logo
Infineon Technologies A...
IRF9388 INFINEON-IRF9388 Datasheet
314Kb / 8P
   Industry-Standard SO8 Package
6/4/10
logo
International Rectifier
IRF9328PBF IRF-IRF9328PBF_15 Datasheet
320Kb / 8P
   Industry-Standard SO8 Package
logo
Power-One
OWS1205 POWER-ONE-OWS1205 Datasheet
269Kb / 3P
   Industry Standard Package
logo
MMD Components
MTBH MMD-MTBH Datasheet
111Kb / 2P
   Industry Standard Package
MVAP MMD-MVAP Datasheet
136Kb / 2P
   Industry Standard Package
MKP MMD-MKP Datasheet
74Kb / 1P
   Industry Standard Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com