Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9383MPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRF9383MPBF
Description  Isolation Switch for Input Power or Battery Application
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9383MPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF9383MPBF Datasheet HTML 2Page - International Rectifier IRF9383MPBF Datasheet HTML 3Page - International Rectifier IRF9383MPBF Datasheet HTML 4Page - International Rectifier IRF9383MPBF Datasheet HTML 5Page - International Rectifier IRF9383MPBF Datasheet HTML 6Page - International Rectifier IRF9383MPBF Datasheet HTML 7Page - International Rectifier IRF9383MPBF Datasheet HTML 8Page - International Rectifier IRF9383MPBF Datasheet HTML 9Page - International Rectifier IRF9383MPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
June 2, 2015
7
IRF9383MPbF
DirectFET® Board Footprint, MX Outline
(Medium Size Can, X-Designation).
Please see DirectFET® application note AN-1035 for all details regarding the assembly of DirectFET®.
This includes all recommendations for stencil and substrate designs.
* Reverse Polarity of D.U.T for P-Channel
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
InductorCurrent
CircuitLayoutConsiderations
• Low Stray Inductance
• Ground Plane
• LowLeakageInductance
Current Transformer
• di/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
D.U.T
*

Fig 20.
Diode Reverse Recovery Test Circuit for P-Channel HEXFET® Power MOSFETs
G
S
G=GATE
D=DRAIN
S=SOURCE
S
D
D
D
D


Similar Part No. - IRF9383MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9383MTR1PBF IRF-IRF9383MTR1PBF Datasheet
265Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRF9383MTRPBF IRF-IRF9383MTRPBF Datasheet
265Kb / 9P
   Isolation Switch for Input Power or Battery Application
More results

Similar Description - IRF9383MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9395MPBF IRF-IRF9395MPBF Datasheet
298Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRF9395MPBF IRF-IRF9395MPBF_15 Datasheet
254Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRF9383MTR1PBF IRF-IRF9383MTR1PBF Datasheet
265Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
   Load switch for battery application
IRL6297SDPBF IRF-IRL6297SDPBF_15 Datasheet
266Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFH6200TRPBF IRF-IRFH6200TRPBF Datasheet
212Kb / 8P
   Charge and discharge switch for battery application
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFHM8337PBF IRF-IRFHM8337PBF Datasheet
520Kb / 9P
   Charge or discharge switch for battery protection
logo
Infineon Technologies A...
IRFHM8337TRPBF INFINEON-IRFHM8337TRPBF Datasheet
608Kb / 11P
   Charge or discharge switch for battery protection
2016-2-23
IRFHM9391TRPBF INFINEON-IRFHM9391TRPBF Datasheet
515Kb / 10P
   Charge or discharge switch for battery protection
2016-2-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com