Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFU580Q Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BFU580Q
Description  NPN wideband silicon RF transistor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFU580Q Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BFU580Q_15 Datasheet HTML 5Page - NXP Semiconductors BFU580Q_15 Datasheet HTML 6Page - NXP Semiconductors BFU580Q_15 Datasheet HTML 7Page - NXP Semiconductors BFU580Q_15 Datasheet HTML 8Page - NXP Semiconductors BFU580Q_15 Datasheet HTML 9Page - NXP Semiconductors BFU580Q_15 Datasheet HTML 10Page - NXP Semiconductors BFU580Q_15 Datasheet HTML 11Page - NXP Semiconductors BFU580Q_15 Datasheet HTML 12Page - NXP Semiconductors BFU580Q_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
BFU580Q
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 28 April 2014
9 of 21
NXP Semiconductors
BFU580Q
NPN wideband silicon RF transistor
Tamb =25 C.
(1) VCE =3.3 V
(2) VCE =5.0 V
(3) VCE =8.0 V
(4) VCE = 12.0 V
Fig 9.
Transition frequency as a function of collector current; typical values
IC =20 mA; VCE =8V; Tamb =25 C.
IC =30 mA; VCE =8V; Tamb =25 C.
Fig 10. Gain as a function of frequency; typical values
Fig 11. Gain as a function of frequency; typical values


Similar Part No. - BFU580Q_15

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BFU580Q ISC-BFU580Q Datasheet
344Kb / 3P
   isc Silicon NPN RF Transistor
More results

Similar Description - BFU580Q_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU590G PHILIPS-BFU590G_15 Datasheet
283Kb / 19P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU590Q PHILIPS-BFU590Q_15 Datasheet
260Kb / 19P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU530X PHILIPS-BFU530X_15 Datasheet
307Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-5 March 2014
BFU550A PHILIPS-BFU550A_15 Datasheet
300Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU550W PHILIPS-BFU550W_15 Datasheet
302Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU520W PHILIPS-BFU520W_15 Datasheet
302Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU610F NXP-BFU610F Datasheet
134Kb / 12P
   NPN wideband silicon RF transistor
Rev. 2-11 January 2011
BFU630F PHILIPS-BFU630F Datasheet
340Kb / 12P
   NPN wideband silicon RF transistor
Rev. 1-15 December 2010
BFU530XR NXP-BFU530XR Datasheet
316Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1 ??5 March 2014
BFU550XR PHILIPS-BFU550XR_15 Datasheet
313Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-14 March 2014
BFU580G PHILIPS-BFU580G_15 Datasheet
299Kb / 21P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com