Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFU530 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFU530
Description  NPN wideband silicon RF transistor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFU530 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFU530_15 Datasheet HTML 1Page - NXP Semiconductors BFU530_15 Datasheet HTML 2Page - NXP Semiconductors BFU530_15 Datasheet HTML 3Page - NXP Semiconductors BFU530_15 Datasheet HTML 4Page - NXP Semiconductors BFU530_15 Datasheet HTML 5Page - NXP Semiconductors BFU530_15 Datasheet HTML 6Page - NXP Semiconductors BFU530_15 Datasheet HTML 7Page - NXP Semiconductors BFU530_15 Datasheet HTML 8Page - NXP Semiconductors BFU530_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
BFU530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 5 March 2014
2 of 22
NXP Semiconductors
BFU530
NPN wideband silicon RF transistor
[1]
Tsp is the temperature at the solder point of the collector lead.
[2]
If K > 1 then Gp(max) is the maximum power gain. If K  1 then Gp(max) =MSG.
2.
Pinning information
3.
Ordering information
[1]
The customer evaluation kit contains the following:
a) Unpopulated RF amplifier Printed-Circuit Board (PCB)
b) Unpopulated RF amplifier Printed-Circuit Board (PCB) with emitter degeneration
c) Four SMA connectors for fitting unpopulated Printed-Circuit Board (PCB)
d) BFU520, BFU530 and BFU550 samples
e) USB stick with data sheets, application notes, models, S-parameter and noise files
4.
Marking
Gp(max)
maximum power gain
IC =10 mA; VCE = 8 V; f = 900 MHz
[2] -
21.5
-
dB
NFmin
minimum noise figure
IC =1 mA; VCE = 8 V; f = 900 MHz; S = opt
-0.7
-
dB
PL(1dB)
output power at 1 dB gain
compression
IC =15 mA; VCE =8V; ZS =ZL =50 ;
f=900MHz
-10
-
dBm
Table 1.
Quick reference data …continued
Tamb =25 C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Discrete pinning
Pin
Description
Simplified outline
Graphic symbol
1
collector
2base
3emitter
4emitter
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BFU530
-
plastic surface-mounted package; 4 leads
SOT143B
OM7962
-
Customer evaluation kit for BFU520, BFU530 and BFU550 [1]
-
Table 4.
Marking
Type number
Marking
Description
BFU530
*TB
* = t : made in Malaysia
* = w : made in China


Similar Part No. - BFU530_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU530A NXP-BFU530A Datasheet
300Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1 ??13 January 2014
BFU530A PHILIPS-BFU530A_15 Datasheet
300Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU530W NXP-BFU530W Datasheet
302Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1 ??13 January 2014
BFU530W PHILIPS-BFU530W_15 Datasheet
302Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU530X NXP-BFU530X Datasheet
307Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1 ??5 March 2014
More results

Similar Description - BFU530_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU590G PHILIPS-BFU590G_15 Datasheet
283Kb / 19P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU590Q PHILIPS-BFU590Q_15 Datasheet
260Kb / 19P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU530X PHILIPS-BFU530X_15 Datasheet
307Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-5 March 2014
BFU550A PHILIPS-BFU550A_15 Datasheet
300Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU550W PHILIPS-BFU550W_15 Datasheet
302Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU520W PHILIPS-BFU520W_15 Datasheet
302Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU610F NXP-BFU610F Datasheet
134Kb / 12P
   NPN wideband silicon RF transistor
Rev. 2-11 January 2011
BFU630F PHILIPS-BFU630F Datasheet
340Kb / 12P
   NPN wideband silicon RF transistor
Rev. 1-15 December 2010
BFU530XR NXP-BFU530XR Datasheet
316Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1 ??5 March 2014
BFU550XR PHILIPS-BFU550XR_15 Datasheet
313Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-14 March 2014
BFU580G PHILIPS-BFU580G_15 Datasheet
299Kb / 21P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com