Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFU520Y Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFU520Y
Description  Dual NPN wideband silicon RF transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFU520Y Datasheet(HTML) 3 Page - NXP Semiconductors

  BFU520Y_15 Datasheet HTML 1Page - NXP Semiconductors BFU520Y_15 Datasheet HTML 2Page - NXP Semiconductors BFU520Y_15 Datasheet HTML 3Page - NXP Semiconductors BFU520Y_15 Datasheet HTML 4Page - NXP Semiconductors BFU520Y_15 Datasheet HTML 5Page - NXP Semiconductors BFU520Y_15 Datasheet HTML 6Page - NXP Semiconductors BFU520Y_15 Datasheet HTML 7Page - NXP Semiconductors BFU520Y_15 Datasheet HTML 8Page - NXP Semiconductors BFU520Y_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
BFU520Y
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 20 February 2014
3 of 20
NXP Semiconductors
BFU520Y
Dual NPN wideband silicon RF transistor
5.
Design support
6.
Limiting values
7.
Recommended operating conditions
[1]
Tsp is the temperature at the solder point of the collector lead.
Table 5.
Available design support
Download from the BFU520Y product information page on http://www.nxp.com.
Support item
Available
Remarks
Device models for Agilent EEsof EDA ADS
yes
Based on Mextram device model.
SPICE model
yes
Based on Gummel-Poon device
model.
S-parameters
yes
Noise parameters
yes
Solder pattern
yes
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCB
collector-base voltage
open emitter
-
30
V
VCE
collector-emitter voltage
open base
-
16
V
shorted base
-
30
V
VEB
emitter-base voltage
open collector
-
3
V
IC
collector current
-50
mA
Tstg
storage temperature
65 +150
C
VESD
electrostatic discharge voltage
Human Body Model (HBM) According to JEDEC
standard 22-A114E
-
150
V
Charged Device Model (CDM) According to
JEDEC standard 22-C101B
-
2kV
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCB
collector-base voltage
open emitter
-
-
24
V
VCE
collector-emitter voltage
open base
-
-
12
V
shorted base
-
-
24
V
VEB
emitter-base voltage
open collector
-
-
2
V
IC
collector current
-
-
30
mA
Pi
input power
ZS = 50 
--10
dBm
Tj
junction temperature
40
-
+150
C
Ptot
total power dissipation
Tsp  87 C
[1] --450
mW


Similar Part No. - BFU520Y_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU520Y NXP-BFU520Y Datasheet
304Kb / 20P
   Dual NPN wideband silicon RF transistor
Rev. 1 ??20 February 2014
More results

Similar Description - BFU520Y_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU520Y NXP-BFU520Y Datasheet
304Kb / 20P
   Dual NPN wideband silicon RF transistor
Rev. 1 ??20 February 2014
BFU590G PHILIPS-BFU590G_15 Datasheet
283Kb / 19P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU590Q PHILIPS-BFU590Q_15 Datasheet
260Kb / 19P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU530X PHILIPS-BFU530X_15 Datasheet
307Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-5 March 2014
BFU550A PHILIPS-BFU550A_15 Datasheet
300Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU550W PHILIPS-BFU550W_15 Datasheet
302Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU520W PHILIPS-BFU520W_15 Datasheet
302Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU610F NXP-BFU610F Datasheet
134Kb / 12P
   NPN wideband silicon RF transistor
Rev. 2-11 January 2011
BFU630F PHILIPS-BFU630F Datasheet
340Kb / 12P
   NPN wideband silicon RF transistor
Rev. 1-15 December 2010
BFU530XR NXP-BFU530XR Datasheet
316Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1 ??5 March 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com