Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFU520Y Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BFU520Y
Description  Dual NPN wideband silicon RF transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFU520Y Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BFU520Y_15 Datasheet HTML 4Page - NXP Semiconductors BFU520Y_15 Datasheet HTML 5Page - NXP Semiconductors BFU520Y_15 Datasheet HTML 6Page - NXP Semiconductors BFU520Y_15 Datasheet HTML 7Page - NXP Semiconductors BFU520Y_15 Datasheet HTML 8Page - NXP Semiconductors BFU520Y_15 Datasheet HTML 9Page - NXP Semiconductors BFU520Y_15 Datasheet HTML 10Page - NXP Semiconductors BFU520Y_15 Datasheet HTML 11Page - NXP Semiconductors BFU520Y_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
BFU520Y
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2014. All rights reserved.
Product data sheet
Rev. 1 — 20 February 2014
8 of 20
NXP Semiconductors
BFU520Y
Dual NPN wideband silicon RF transistor
Tamb =25 C.
(1) VCE =3.0 V
(2) VCE =8.0 V
Tamb =25 C.
(1) VCE =3.0 V
(2) VCE =8.0 V
Fig 5.
Collector current as a function of base-emitter
voltage; typical values
Fig 6.
Base current as a function of base-emitter
voltage; typical values
VCE =3V.
(1) Tamb = 40 C
(2) Tamb = +25 C
(3) Tamb = +125 C
IC = 0 mA; f = 1 MHz; Tamb =25 C.
Fig 7.
Reverse base current as a function of
emitter-base voltage; typical values
Fig 8.
Collector capacitance as a function of
collector-base voltage; typical values


Similar Part No. - BFU520Y_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU520Y NXP-BFU520Y Datasheet
304Kb / 20P
   Dual NPN wideband silicon RF transistor
Rev. 1 ??20 February 2014
More results

Similar Description - BFU520Y_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFU520Y NXP-BFU520Y Datasheet
304Kb / 20P
   Dual NPN wideband silicon RF transistor
Rev. 1 ??20 February 2014
BFU590G PHILIPS-BFU590G_15 Datasheet
283Kb / 19P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU590Q PHILIPS-BFU590Q_15 Datasheet
260Kb / 19P
   NPN wideband silicon RF transistor
Rev. 1-28 April 2014
BFU530X PHILIPS-BFU530X_15 Datasheet
307Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-5 March 2014
BFU550A PHILIPS-BFU550A_15 Datasheet
300Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU550W PHILIPS-BFU550W_15 Datasheet
302Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU520W PHILIPS-BFU520W_15 Datasheet
302Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1-13 January 2014
BFU610F NXP-BFU610F Datasheet
134Kb / 12P
   NPN wideband silicon RF transistor
Rev. 2-11 January 2011
BFU630F PHILIPS-BFU630F Datasheet
340Kb / 12P
   NPN wideband silicon RF transistor
Rev. 1-15 December 2010
BFU530XR NXP-BFU530XR Datasheet
316Kb / 22P
   NPN wideband silicon RF transistor
Rev. 1 ??5 March 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com