Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFQ18A_N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFQ18A_N
Description  NPN 4 GHz wideband transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFQ18A_N Datasheet(HTML) 5 Page - NXP Semiconductors

  BFQ18A_N_15 Datasheet HTML 1Page - NXP Semiconductors BFQ18A_N_15 Datasheet HTML 2Page - NXP Semiconductors BFQ18A_N_15 Datasheet HTML 3Page - NXP Semiconductors BFQ18A_N_15 Datasheet HTML 4Page - NXP Semiconductors BFQ18A_N_15 Datasheet HTML 5Page - NXP Semiconductors BFQ18A_N_15 Datasheet HTML 6Page - NXP Semiconductors BFQ18A_N_15 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NXP Semiconductors
Product specification
NPN 4 GHz wideband transistor
BFQ18A
PACKAGE OUTLINE
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
DIMENSIONS (mm are the original dimensions)
SOT89
TO-243
SC-62
06-03-16
06-08-29
w M
e1
e
E
HE
B
B
0
2
4 mm
scale
bp3
bp2
bp1
c
D
Lp
A
Plastic surface-mounted package; collector pad for good heat transfer; 3 leads
SOT89
12
3
UNIT
A
mm
1.6
1.4
0.48
0.35
c
0.44
0.23
D
4.6
4.4
E
2.6
2.4
HE
Lp
4.25
3.75
e
3.0
w
0.13
e1
1.5
1.2
0.8
bp2
bp1
0.53
0.40
bp3
1.8
1.4
Rev. 03 - 28 September 2007
5 of 7


Similar Part No. - BFQ18A_N_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFQ18A JMNIC-BFQ18A_15 Datasheet
42Kb / 6P
   NPN 4 GHz wideband transistor
BFQ18A_2015 JMNIC-BFQ18A_2015 Datasheet
42Kb / 6P
   NPN 4 GHz wideband transistor
More results

Similar Description - BFQ18A_N_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFQ18A PHILIPS-BFQ18A Datasheet
37Kb / 6P
   NPN 4 GHz wideband transistor
September 1995
BFG35 PHILIPS-BFG35 Datasheet
91Kb / 16P
   NPN 4 GHz wideband transistor
1999 Aug 24
logo
Quanzhou Jinmei Electro...
BFG35 JMNIC-BFG35_15 Datasheet
103Kb / 16P
   NPN 4 GHz wideband transistor
logo
List of Unclassifed Man...
BFQ34T ETC-BFQ34T Datasheet
521Kb / 9P
   NPN 4 GHz wideband transistor
NOVEMBER 1992
logo
NXP Semiconductors
BFQ68 PHILIPS-BFQ68 Datasheet
74Kb / 10P
   NPN 4 GHz wideband transistor
September 1995
logo
Quanzhou Jinmei Electro...
BFQ18A_2015 JMNIC-BFQ18A_2015 Datasheet
42Kb / 6P
   NPN 4 GHz wideband transistor
logo
NXP Semiconductors
BFG35 PHILIPS-BFG35_15 Datasheet
305Kb / 14P
   NPN 4 GHz wideband transistor
1999 Aug 24
logo
Quanzhou Jinmei Electro...
BFG35_2015 JMNIC-BFG35_2015 Datasheet
103Kb / 16P
   NPN 4 GHz wideband transistor
BFQ18A JMNIC-BFQ18A_15 Datasheet
42Kb / 6P
   NPN 4 GHz wideband transistor
logo
NXP Semiconductors
BFQ18A NXP-BFQ18A Datasheet
227Kb / 7P
   NPN 4 GHz wideband transistor
Rev. 03-28 September 2007
BFQ136 PHILIPS-BFQ136 Datasheet
73Kb / 9P
   NPN 4 GHz wideband transistor
September 1995
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com