Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF824 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BF824
Description  PNP medium frequency transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF824 Datasheet(HTML) 2 Page - NXP Semiconductors

  BF824_15 Datasheet HTML 1Page - NXP Semiconductors BF824_15 Datasheet HTML 2Page - NXP Semiconductors BF824_15 Datasheet HTML 3Page - NXP Semiconductors BF824_15 Datasheet HTML 4Page - NXP Semiconductors BF824_15 Datasheet HTML 5Page - NXP Semiconductors BF824_15 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2004 Jan 16
2
NXP Semiconductors
Product data sheet
PNP medium frequency transistor
BF824
FEATURES
• Low current (max. 25 mA)
• Low voltage (max. 30 V).
APPLICATIONS
• RF stages in FM front-ends in common base
configuration.
DESCRIPTION
PNP medium frequency transistor in a SOT23 plastic
package.
MARKING
Note
1.
∗ = p : Made in Hong Kong.
∗ = t : Made in Malaysia.
∗ = W : Made in China.
PINNING
TYPE NUMBER
MARKING CODE(1)
BF824
F8
PIN
DESCRIPTION
1
base
2
emitter
3
collector
Fig.1 Simplified outline (SOT23) and symbol.
handbook, halfpage
2
1
3
MAM256
Top view
2
3
1
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BF824
plastic surface mounted package; 3 leads
SOT23


Similar Part No. - BF824_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF824W PHILIPS-BF824W Datasheet
44Kb / 8P
   PNP medium frequency transistor
1999 Apr 15
logo
Guangdong Kexin Industr...
BF824W KEXIN-BF824W Datasheet
46Kb / 1P
   PNP Medium Frequency Transistor
logo
NXP Semiconductors
BF824W NXP-BF824W Datasheet
105Kb / 6P
   PNP medium frequency transistor
1999 Apr 15
logo
Nexperia B.V. All right...
BF824W NEXPERIA-BF824W Datasheet
282Kb / 7P
   PNP medium frequency transistor
1999 Apr 15
logo
NXP Semiconductors
BF824W PHILIPS-BF824W_15 Datasheet
105Kb / 6P
   PNP medium frequency transistor
1999 Apr 15
More results

Similar Description - BF824_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF824 PHILIPS-BF824 Datasheet
41Kb / 8P
   PNP medium frequency transistor
1999 Apr 15
BF450 PHILIPS-BF450 Datasheet
54Kb / 8P
   PNP medium frequency transistor
1997 Jul 11
BF824W PHILIPS-BF824W_15 Datasheet
105Kb / 6P
   PNP medium frequency transistor
1999 Apr 15
logo
Nexperia B.V. All right...
BF824 NEXPERIA-BF824 Datasheet
282Kb / 7P
   PNP medium frequency transistor
2004 Jan 16
logo
Guangdong Kexin Industr...
BF550 KEXIN-BF550 Datasheet
36Kb / 1P
   PNP Medium Frequency Transistor
logo
NXP Semiconductors
BF824 NXP-BF824 Datasheet
104Kb / 6P
   PNP medium frequency transistor
2004 Jan 16
BF550 PHILIPS-BF550 Datasheet
41Kb / 8P
   PNP medium frequency transistor
1999 Apr 15
BF550 PHILIPS-BF550_15 Datasheet
100Kb / 6P
   PNP medium frequency transistor
2004 Jan 16
logo
Guangdong Kexin Industr...
BF824W KEXIN-BF824W Datasheet
46Kb / 1P
   PNP Medium Frequency Transistor
logo
NXP Semiconductors
BF824W PHILIPS-BF824W Datasheet
44Kb / 8P
   PNP medium frequency transistor
1999 Apr 15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com