Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30805SGP Datasheet(PDF) 90 Page - Mitsubishi Electric Semiconductor

Part # M30805SGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
Download  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30805SGP Datasheet(HTML) 90 Page - Mitsubishi Electric Semiconductor

Back Button M30805SGP Datasheet HTML 86Page - Mitsubishi Electric Semiconductor M30805SGP Datasheet HTML 87Page - Mitsubishi Electric Semiconductor M30805SGP Datasheet HTML 88Page - Mitsubishi Electric Semiconductor M30805SGP Datasheet HTML 89Page - Mitsubishi Electric Semiconductor M30805SGP Datasheet HTML 90Page - Mitsubishi Electric Semiconductor M30805SGP Datasheet HTML 91Page - Mitsubishi Electric Semiconductor M30805SGP Datasheet HTML 92Page - Mitsubishi Electric Semiconductor M30805SGP Datasheet HTML 93Page - Mitsubishi Electric Semiconductor M30805SGP Datasheet HTML 94Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 315 page
background image
Under
development
Preliminary Specifications REV.B
Specifications in this manual are tentative and subject to change.
Mitsubishi microcomputers
M16C/80 (144-pin version) group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Timer A
90
Timer A
Figure 1.13.1 shows the block diagram of timer A. Figures 1.13.2 to 1.13.4 show the timer A-related registers.
Except in event counter mode, timers A0 through A4 all have the same function. Use the timer Ai mode
register (i = 0 to 4) bits 0 and 1 to choose the desired mode.
Timer A has the four operation modes listed as follows:
• Timer mode: The timer counts an internal count source.
• Event counter mode: The timer counts pulses from an external source or a timer over flow.
• One-shot timer mode: The timer stops counting when the count reaches “0000
16”.
• Pulse width modulation (PWM) mode: The timer outputs pulses of a given width.
Figure 1.13.2. Timer A-related registers (1)
Count start flag
(Address 034016)
Up count/down count
TAi
Addresses
TAj
TAk
Timer A0
034716
034616
Timer A4
Timer A1
Timer A1
034916
034816
Timer A0
Timer A2
Timer A2
034B16
034A16
Timer A1
Timer A3
Timer A3
034D16
034C16
Timer A2
Timer A4
Timer A4
034F16
034E16
Timer A3
Timer A0
Always down count except
in event counter mode
Reload register (16)
Counter (16)
Low-order
8 bits
High-order
8 bits
Clock source
selection
• Timer
(gate function)
• Timer
• One shot
• PWM
f1
f8
f32
External
trigger
TAiIN
(i = 0 to 4)
TB2 overflow
• Event counter
fC32
Clock selection
TAj overflow
(j = i – 1. Note, however, that j = 4 when i = 0)
Pulse output
Toggle flip-flop
TAiOUT
(i = 0 to 4)
Data bus low-order bits
Data bus high-order bits
Up/down flag
Down count
(Address 034416)
TAk overflow
(k = i + 1. Note, however, that k = 0 when i = 4)
Polarity
selection
Timer Ai mode register
Symbol
Address
When reset
TAiMR(i=0 to 4)
035616 to 035A16 00000X002
Bit name
Function
Bit symbol
W
R
b7
b6
b5
b4
b3
b2
b1
b0
0 0 : Timer mode
0 1 : Event counter mode
1 0 : One-shot timer mode
1 1 : Pulse width modulation
(PWM) mode
b1 b0
TCK1
MR3
MR2
MR1
TMOD1
MR0
TMOD0
TCK0
Function varies with each operation mode
Count source select bit
(Function varies with each operation mode)
Operation mode select bit
This bit is invalid in M16C/80 series.
Port output control is set by the function select registers A and B.
Figure 1.13.1. Block diagram of timer A


Similar Part No. - M30805SGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30805SGP-BL RENESAS-M30805SGP-BL Datasheet
3Mb / 358P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/80 SERIES
More results

Similar Description - M30805SGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com