Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30805SGP Datasheet(PDF) 35 Page - Mitsubishi Electric Semiconductor

Part # M30805SGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER?
Download  315 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30805SGP Datasheet(HTML) 35 Page - Mitsubishi Electric Semiconductor

Back Button M30805SGP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M30805SGP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M30805SGP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor M30805SGP Datasheet HTML 34Page - Mitsubishi Electric Semiconductor M30805SGP Datasheet HTML 35Page - Mitsubishi Electric Semiconductor M30805SGP Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M30805SGP Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M30805SGP Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M30805SGP Datasheet HTML 39Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 315 page
background image
Under
development
Preliminary Specifications REV.B
Specifications in this manual are tentative and subject to change.
Mitsubishi microcomputers
M16C/80 (144-pin version) group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Bus Control
35
Item
Status
Oscillation
ON
_____ _____
_____
_______
RD/WR signal, address bus, data bus, CS, BHE
Floating
Programmable I/O ports
P0, P1, P2, P3, P4, P5
Maintains status when hold signal is received
P6, P7, P8, P9, P10
__________
HLDA
Output “L”
Internal peripheral circuits
ON (but watchdog timer stops)
ALE signal
Undefined
(7) External bus status when accessing to internal area
Table 1.7.9 shows external bus status when accessing to internal area
Table 1.7.9. External bus status when accessing to internal area
(6) Hold signal
The hold signal is used to transfer the bus privileges from the CPU to the external circuits. Inputting “L” to
__________
the HOLD pin places the microcomputer in the hold state at the end of the current bus access. This status
__________
__________
is maintained and “L” is output from the HLDA pin as long as “L” is input to the HOLD pin. Table 1.7.8
shows the microcomputer status in the hold state. The bus is used in the following descending order of
__________
priority: HOLD, DMAC, CPU.
_____
________
Figure 1.7.4. Example of RD signal extended by RDY signal
__________
HOLD > DMAC > CPU
Table 1.7.8. Microcomputer status in hold state
Item
SFR accessing status
Internal ROM/RAM accessing status
Address bus
Remain address of external area accessed immediately before
Data bus When read
Floating
When write
Floating
_____
______
________
_________
RD, WR, WRL, WRH
Output "H"
________
BHE
Remain external area status accessed immediately before
____
CS
Output "H"
ALE
ALE output
(8) BCLK output
BCLK output can be selected by bit 7 of the processor mode register 0 (address 000416 :PM07) and bit 1
and bit 0 of the system clock select register 0 (address 000616 :CM01, CM00). Setting PM07 to “0” and
CM01 and CM00 to “002” outputs the BCLK signal from P53. However, in single chip mode, BCLK signal
is not output. When setting PM07 to “1”, the function is as set by CM01 and CM00.


Similar Part No. - M30805SGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30805SGP-BL RENESAS-M30805SGP-BL Datasheet
3Mb / 358P
   RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/80 SERIES
More results

Similar Description - M30805SGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com