Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30620MC-E80GP Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M30620MC-E80GP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30620MC-E80GP Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M30620MC-E80GP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30620MC-E80GP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30620MC-E80GP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30620MC-E80GP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30620MC-E80GP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M30620MC-E80GP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M30620MC-E80GP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M30620MC-E80GP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M30620MC-E80GP Datasheet HTML 13Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Electrical characteristics
Mitsubishi microcomputers
M16C / 62M Group
(Low voltage version)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
9
2.2
3.6
Vcc
3.0
Vcc
AVcc
V
V
0
0
VIH
IOH (avg)
mA
mA
Vss
AVss
0.8Vcc
V
V
V
V
V
V
V
0.8Vcc
0.5Vcc
Vcc
Vcc
Vcc
0.2Vcc
0.2Vcc
0
0
0
0.16Vcc
I OH (peak)
P72 to P77, P80 to P87, P90 to P97, P100 to P107,
- 5.0
- 10.0
P00 to P07, P10 to P17, P20 to P27, P30 (during single-chip mode)
P00 to P07, P10 to P17, P20 to P27, P30
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P67, P72 to P77,
P80 to P84, P86, P87, P90 to P97, P100 to P107
P31 to P37, P40 to P47, P50 to P57, P60 to P67,
10.0
5.0
mA
f (XIN)
IOL (peak)
mA
I OL (avg)
V
XIN, RESET, CNVSS, BYTE
P70 to P77, P80 to P87, P90 to P97, P100 to P107,
P31 to P37, P40 to P47, P50 to P57, P60 to P67,
XIN, RESET, CNVSS, BYTE
P00 to P07, P10 to P17, P20 to P27, P30 (during single-chip mode)
P00 to P07, P10 to P17, P20 to P27, P30
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P67, P72 to P77,
P80 to P84, P86, P87, P90 to P97, P100 to P107
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P67, P70 to P77,
P80 to P84, P86, P87, P90 to P97, P100 to P107
P00 to P07, P10 to P17, P20 to P27, P30 to P37,
P40 to P47, P50 to P57, P60 to P67, P70 to P77,
P80 to P84, P86, P87, P90 to P97, P100 to P107
P70,
0.8Vcc
4.6
V
P71
VIL
10 X Vcc
- 17
Vcc=2.7V to 3.6V
Vcc=2.4V to 2.7V
0
0
MHz
MHz
10
0
MHz
17.5 X Vcc
- 35
f (XcIN)
kHz
50
32.768
6 X Vcc
- 6.2
Vcc=2.7V to 3.6V
Vcc=2.2V to 2.7V
0
0
MHz
MHz
10
Vcc=2.2V to 2.4V
Supply voltage
Analog supply voltage
Supply voltage
Analog supply voltage
HIGH input
voltage
LOW input
voltage
HIGH peak output
current
HIGH average output
current
LOW peak output
current
LOW average
output current
Main clock input
oscillation
frequency
Subclock oscillation frequency
with wait
No wait
Symbol
Parameter
Unit
Standard
Min.
Typ.
Max.
(data input function during memory expansion and microprocessor modes)
(data input function during memory expansion and microprocessor modes)
Note 1: The mean output current is the mean value within 100ms.
Note 2: The total IOL (peak) for ports P0, P1, P2, P86, P87, P9, and P10 must be 80mA max. The total IOH (peak) for ports P0, P1,
P2, P86, P87, P9, and P10 must be 80mA max. The total IOL (peak) for ports P3, P4, P5, P6, P7, and P80 to P84 must be
80mA max. The total IOH (peak) for ports P3, P4, P5, P6, P72 to P77, and P80 to P84 must be 80mA max.
Note 3: Specify a product of -40
°C to 85°C to use it.
Note 4: Relationship between main clock oscillation frequency and supply voltage.
Note 5: Execute case without wait, program / erase of flash memory by VCC=2.7V to 3.6V and f(BCLK)
≤ 6.25 MHz. Execute case
with wait, program / erase of flash memory by VCC=2.7V to 3.6V and f(BCLK)
≤ 10.0 MHz.
Table 1.26.2. Recommended operating conditions (referenced to VCC = 2.2V to 3.6V at Ta = – 20
°C
to 85oC / – 40
°C to 85oC(Note3) unless otherwise specified)
Main clock input oscillation frequency
(With wait)
2.2
2.7
3.6
Supply voltage
[V]
(BCLK: no division)
6 X VCC –6.2MHZ
Main clock input oscillation frequency
(No wait)
10.0
3.5
0.0
Supply voltage
[V]
(BCLK: no division)
10 X VCC –17MHZ
2.4
7.0
2.2
2.7
3.6
2.4
10.0
0.0
7.0
17.5 X VCC
35MHZ
Flash program voltage
Flash read operation voltage
VCC=2.7V to 3.6V
VCC=2.4V to 3.6V
VCC=2.7V to 3.4V
VCC=2.2V to 2.4V
Flash memory version program voltage and read
operation voltage characteristics


Similar Part No. - M30620MC-E80GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30620MC-E80GP MITSUBISHI-M30620MC-E80GP Datasheet
3Mb / 276P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30620MC-E80GP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com