Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCCM1206M100GTAR Datasheet(PDF) 4 Page - AVX Corporation

Part # LCCM1206M100GTAR
Description  LCCM Series ??Chip Common Mode Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCCM1206M100GTAR Datasheet(HTML) 4 Page - AVX Corporation

  LCCM1206M100GTAR Datasheet HTML 1Page - AVX Corporation LCCM1206M100GTAR Datasheet HTML 2Page - AVX Corporation LCCM1206M100GTAR Datasheet HTML 3Page - AVX Corporation LCCM1206M100GTAR Datasheet HTML 4Page - AVX Corporation LCCM1206M100GTAR Datasheet HTML 5Page - AVX Corporation LCCM1206M100GTAR Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5
LCCM1206 CHARACTERISTICS – IMPEDANCE vs. FREQUENCY
Chip Inductors
LCCM Series – Chip Common Mode Filter
Common Mode
Differential Mode
1
1
10
100
1000
10
100
1000
LCCM1206M900
Frequency (MHz)
1
1
10
100
1000
10
100
1000
10000
LCCM1206M261
Frequency (MHz)
1
1
10
100
1000
10
100
1000
LCCM1206M161
Frequency (MHz)
1
1
10
100
1000
10
100
1000
10000
LCCM1206M601
Frequency (MHz)
1
1
10
100
1000
10
100
1000
10000
LCCM1206M102
Frequency (MHz)
1
1
10
100
1000
10
100
1000
10000
LCCM1206M222
Frequency (MHz)


Similar Part No. - LCCM1206M100GTAR

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
LCC AMKOR-LCC Datasheet
459Kb / 1P
   Leadless Chip Carrier Package
logo
Vishay Siliconix
LCC VISHAY-LCC Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
logo
HolyStone International
LCC HOLYSTONECAPS-LCC Datasheet
205Kb / 2P
   Large Size NP0 & X7R MLCC Capacitors
logo
Vishay Siliconix
LCC VISHAY-LCC Datasheet
122Kb / 4P
   Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor
Revision: 14-Jul-16
logo
List of Unclassifed Man...
LCC-16J2 ETC2-LCC-16J2 Datasheet
88Kb / 1P
   LCD Character Module 16 x 2
More results

Similar Description - LCCM1206M100GTAR

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCL-2M2012-700JT SUMIDA-SCL-2M2012-700JT Datasheet
410Kb / 3P
   Multilayer Chip Common Mode Filter
SCM-2M3216-700 SUMIDA-SCM-2M3216-700 Datasheet
443Kb / 4P
   Multilayer Chip Common Mode Filter
SCM-2012 SUMIDA-SCM-2012 Datasheet
439Kb / 4P
   Multilayer Chip Common Mode Filter
logo
Abracon Corporation
ACMF-31 ABRACON-ACMF-31 Datasheet
1Mb / 3P
   Common Mode Filter
10.05.12
logo
ON Semiconductor
EMI8141 ONSEMI-EMI8141 Datasheet
455Kb / 9P
   Common Mode Filter
June, 2014 ??Rev. 0
logo
Superworld Electronics
W3F670-RD-10 SUPERWORLD-W3F670-RD-10 Datasheet
966Kb / 10P
   Common Mode Filter
W1210F500-RC-10 SUPERWORLD-W1210F500-RC-10 Datasheet
383Kb / 7P
   Common Mode Filter
logo
GUANGDONG MISUN TECHNOL...
CM2012B-900Z FPE-CM2012B-900Z Datasheet
474Kb / 1P
   Common Mode Filter
GN2012F-201Z FPE-GN2012F-201Z Datasheet
481Kb / 1P
   Common Mode Filter
GN2012F-121Z FPE-GN2012F-121Z Datasheet
481Kb / 1P
   Common Mode Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com