Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE5555 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MJE5555
Description  TRIPLE DIFFUSED NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MJE5555 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MJE5555_15 Datasheet HTML 1Page - KEC(Korea Electronics) MJE5555_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007. 9. 10
1/2
SEMICONDUCTOR
TECHNICAL DATA
MJE5555
TRIPLE DIFFUSED NPN TRANSISTOR
Revision No : 1
SWITCHING REGULATOR APPLICATION.
HIGH VOLTAGE SWITCHING APPLICATION.
HIGH SPEED DC-DC CONVERTER APPLICATION.
FLUORESCENT LIGHT BALLASTOR APPLICATION.
FEATURES
Excellent Switching Times
: tstg=2.5 S(Max.), tf=0.3 S(Max.), at IC=2.5A
High Collector Voltage : VCBO=1050V.
MAXIMUM RATING (Ta=25
)
1. BASE
2. COLLECTOR (HEAT SINK)
3. EMITTER
DIM
MILLIMETERS
TO-220AB
1.46
A
B
C
D
E
F
G
H
J
K
M
N
O
0.8
0.1
+
_
2.8
0.1
+
_
2.54
0.2
+
_
1.27
0.1
+
_
1.4
0.1
+
_
13.08
0.3
+
_
3.6
0.2
+
_
+
_
9.9
0.2
+
_
9.2
0.2
+
_
4.5
0.2
+
_
2.4
0.2
15.95 MAX
1.3+0.1/-0.05
0.5+0.1/-0.05
3.7
1.5
A
F
B
J
G
K
M
L
L
E
I
I
O
C
H
NN
Q
D
Q
P
P
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
1050
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
12
V
Collector Current
DC
IC
5
A
Pulse
ICP
10
Base Current
IB
2.5
A
Collector Power Dissipation (Tc=25
)
PC
75
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
Note : hFE Classification
R:20
30, O:25
35, Y: 30~40
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Emitter Cut-off Current
IEBO
VEB=14V, IC=0
-
-
10
A
DC Current Gain
hFE(1)
VCE=5V, IC=10mA
10
-
-
hFE(2)
VCE=3V, IC=0.8A
20
-
40
Collector-Emitter Saturation Voltage
VCE(sat)
IC=1A, IB=0.2A
-
-
0.5
V
IC=3.5A, IB=1A
-
-
1.5
Base-Emitter Saturation Voltage
VBE(sat)
IC=3.5A, IB=1A
-
-
1.2
V
IC=2A, IB=0.5A
-
-
1.6
Collector Output Capacitance
Cob
VCB=10V, f=0.1MHz, IE=0
-
45
-
pF
Turn-On Time
ton
IB1
100Ω
B1
I
CC
V
=250V
IB2
IB2
300
µS
I
B1=+0.5A, IB2=-1.0A
2%
OUTPUT
DUTY CYCLE
INPUT
<
=
-
-
2.0
S
Storage Time
tstg
-
-
2.5
S
Fall Time
tf
-
-
0.3
S


Similar Part No. - MJE5555_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
MJE5555 KEC-MJE5555 Datasheet
446Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
More results

Similar Description - MJE5555_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD998 KEC-KTD998_15 Datasheet
58Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE13005DC KEC-MJE13005DC Datasheet
864Kb / 4P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE13003 KEC-MJE13003_15 Datasheet
59Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC3003HV KEC-KTC3003HV_15 Datasheet
302Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
TIP35C KEC-TIP35C_15 Datasheet
294Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC3631D KEC-KTC3631D_15 Datasheet
835Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTC4372 BILIN-KTC4372 Datasheet
222Kb / 4P
   Triple Diffused NPN Transistor
logo
KEC(Korea Electronics)
MJE13009 KEC-MJE13009 Datasheet
276Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC4521F KEC-KTC4521F_07 Datasheet
460Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTD1530 KEC-KTD1530 Datasheet
650Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com