Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTD1302 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTD1302
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTD1302 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTD1302_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTD1302_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1995. 10. 17
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTD1302
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 0
AUDIO MUTING APPLICATION.
FEATURES
High Emitter-Base Voltage : VEBO=12V(Min.).
High Reverse hFE
: Reverse hFE=20(Min.) (VCE=2V, IC=4mA).
Low on Resistance :RON=0.6 (Typ.) (IB=1mA).
MAXIMUM RATING (Ta=25 )
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
2. COLLECTOR
3. BASE
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
25
V
Collector-Emitter Voltage
VCEO
20
V
Emitter-Base Voltage
VEBO
12
V
Collector Current
IC
300
mA
Base Current
IB
30
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=25V, IE=0
-
-
0.1
A
Emitter Cut-off Current
IEBO
VEB=12V, IC=0
-
-
0.1
A
DC Current Gain
hFE(1) (FOR)
VCE=2V, IC=4mA
200
-
800
hFE(2) (REV)
VCE=2V, IC=4mA
20
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=100mA, IB=10mA
-
-
0.25
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=100mA, IB=10mA
-
-
1.0
V
Transition Frequency
fT
VCE=10V, IC=1mA
-
60
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
10
-
pF
On Resistance
Ron
f=1KHz, IB=1mA, VIN=0.3V
-
0.6
-


Similar Part No. - KTD1302_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTD1302 KEXIN-KTD1302_15 Datasheet
334Kb / 1P
   NPN Transistors
More results

Similar Description - KTD1302_15

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com