Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4P274CK-1146T Datasheet(PDF) 9 Page - Tyco Electronics

Part # MA4P274CK-1146T
Description  Surface Mount Plastic PIN Diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4P274CK-1146T Datasheet(HTML) 9 Page - Tyco Electronics

Back Button MA4P274CK-1146T Datasheet HTML 3Page - Tyco Electronics MA4P274CK-1146T Datasheet HTML 4Page - Tyco Electronics MA4P274CK-1146T Datasheet HTML 5Page - Tyco Electronics MA4P274CK-1146T Datasheet HTML 6Page - Tyco Electronics MA4P274CK-1146T Datasheet HTML 7Page - Tyco Electronics MA4P274CK-1146T Datasheet HTML 8Page - Tyco Electronics MA4P274CK-1146T Datasheet HTML 9Page - Tyco Electronics MA4P274CK-1146T Datasheet HTML 10Page - Tyco Electronics MA4P274CK-1146T Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Surface Mount Plastic PIN Diodes
SMPP Series
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
SOT-143
SC-79
0.020
0.50
0.053
1.35
inches
mm
Dimenstions:
0.020
0.50
0.035
0.89
0.115
2.92
0.045
1.17
0.045
1.14
0.030
0.76
inches
mm
Dimenstions:
0.045
1.14
0.106
2.69
0.031
0.79
Case Styles
SOT-23
Case Style 287
SOT-23 (Case Style 287)
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.048
1.22
B
0.008
0.20
C
0.040
1.00
D
0.013
0.020
0.35
0.50
E
0.003
0.006
0.08
0.15
F
0.110
0.119
2.80
3.00
G
0.047
0.056
1.20
1.40
H
0.037 typical
0.95 typical
J
0.075 typical
1.90 typical
K
0.103
2.60
L
0.024
0.60
DIM.
GRADIENT
M
10
° max.1
N
2
° . . .30°
F
D
H
J
A
G
L
C
E
B
K
N
M
Note: 1. Applicable on all sides
9
SOT-323
Case Style 1146
SOT-323 (Case Style 1146)
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.063
0.087
1.6
2.2
B
0.045
0.053
1.15
1.35
C
0.079
0.087
2.0
2.2
D
0.047
0.055
1.2
1.4
E
0.008
0.016
0.2
0.4
F
0.031
0.039
0.8
1.0
G
0.004
0.1
H
0.003
0.08
J
0.004
0.1
0.006
0.010
0.15
0.25
A
E
D
J
H
G
F
10
° MAX.
C
B


Similar Part No. - MA4P274CK-1146T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P274 MACOM-MA4P274 Datasheet
116Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
MA4P274 MA-COM-MA4P274 Datasheet
241Kb / 10P
   PIN Diodes for Microwave Switch Designs
MA4P274 MA-COM-MA4P274 Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
Tyco Electronics
MA4P274-1225 MACOM-MA4P274-1225 Datasheet
209Kb / 10P
   Quad PIN Diode p Attenuator 5 .3000 MHz
MA4P274-1225 MACOM-MA4P274-1225 Datasheet
672Kb / 12P
   Quad PIN Diode Attenuator 5 -3000 MHz
More results

Similar Description - MA4P274CK-1146T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-01063X-1392T-V4 MA-COM-MADP-01063X-1392T-V4 Datasheet
346Kb / 5P
   Surface Mount Plastic PIN Diodes
MADP-008120-12790T MA-COM-MADP-008120-12790T Datasheet
74Kb / 4P
   Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T_15 Datasheet
346Kb / 5P
   Surface Mount Plastic PIN Diodes
SMPP-SERIES MA-COM-SMPP-SERIES Datasheet
152Kb / 9P
   Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T Datasheet
762Kb / 6P
   Surface Mount Plastic PIN Diodes
SMPP MA-COM-SMPP Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
Tyco Electronics
SMPP MACOM-SMPP Datasheet
116Kb / 10P
   Surface Mount Plastic PIN Diodes
MADP-008120-12790T MACOM-MADP-008120-12790T Datasheet
76Kb / 4P
   Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
SMPP MA-COM-SMPP_15 Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com