Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

130142-0033 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130142-0033
Description  Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130142-0033 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130142-0033 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130142-0033
Status:
Active
Overview:
Heavy-Duty Industrial Wiring Devices
Description:
Super-Safeway® Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR6837
UL
E10176
General
Product Family
Wiring Devices
Series
130142
IP Rating
N/A
NEMA Configuration
NEMA L5-30
Overview
Heavy-Duty Industrial Wiring Devices
Product Literature Order No
987650-8068
Product Name
Super-Safeway™
Receptacle Type
N/A
Specialty
N/A
Type
Plug
UPC
78678870431
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
No
Gender
Male
Length
N/A
Locking Blade
Yes
Poles
2-pole/3-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
30.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
125V
Material Info
Old Part Number
2847
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130142Series
This document was generated on 04/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130142-0033

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130142-0030 MOLEX11-130142-0030 Datasheet
47Kb / 1P
   Super-Safeway Connector with Locking Blade
130142-0031 MOLEX11-130142-0031 Datasheet
54Kb / 1P
   Super-Safeway Plug with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 250V
130142-0032 MOLEX11-130142-0032 Datasheet
40Kb / 1P
   Super-Safeway Plug with Locking Blade, 4 Pole/4 Wire, Non-NEMA, 208V
130142-0034 MOLEX11-130142-0034 Datasheet
54Kb / 1P
   Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L6-30, 250V
130142-0035 MOLEX11-130142-0035 Datasheet
54Kb / 1P
   Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L7-30, 277V
More results

Similar Description - 130142-0033

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301420033 MOLEX11-1301420033 Datasheet
34Kb / 1P
   Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V
130145-0048 MOLEX11-130145-0048 Datasheet
42Kb / 1P
   Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V
1301450048 MOLEX11-1301450048 Datasheet
35Kb / 1P
   Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V
1301410067 MOLEX11-1301410067 Datasheet
34Kb / 1P
   Super-Safeway Connector with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V
1301410047 MOLEX11-1301410047 Datasheet
36Kb / 1P
   Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V
130141-0062 MOLEX11-130141-0062 Datasheet
42Kb / 1P
   Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-20, 125V
1301410062 MOLEX11-1301410062 Datasheet
34Kb / 1P
   Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-20, 125V
130141-0047 MOLEX11-130141-0047 Datasheet
44Kb / 1P
   Super-Safeway Plug with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V
1301450071 MOLEX11-1301450071 Datasheet
35Kb / 1P
   Safeway Connector with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V
130145-0071 MOLEX11-130145-0071 Datasheet
43Kb / 1P
   Safeway Connector with Locking Blade, 2 Pole/3 Wire, NEMA L5-30, 125V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com