Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF8313PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRF8313PBF
Description  Fully Characterized Avalanche Voltage and Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8313PBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRF8313PBF_15 Datasheet HTML 2Page - International Rectifier IRF8313PBF_15 Datasheet HTML 3Page - International Rectifier IRF8313PBF_15 Datasheet HTML 4Page - International Rectifier IRF8313PBF_15 Datasheet HTML 5Page - International Rectifier IRF8313PBF_15 Datasheet HTML 6Page - International Rectifier IRF8313PBF_15 Datasheet HTML 7Page - International Rectifier IRF8313PBF_15 Datasheet HTML 8Page - International Rectifier IRF8313PBF_15 Datasheet HTML 9Page - International Rectifier IRF8313PBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRF8313PbF
www.irf.com
9
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 1.43mH, RG = 25Ω, IAS = 8.0A.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board.
… Rθ is measured at TJ of approximately 90°C.
330.00
(12.992)
MAX.
14.40 ( .566 )
12.40 ( .488 )
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
FEED DIRECTION
TERMINAL NUMBER 1
12.3 ( .484 )
11.7 ( .461 )
8.1 ( .318 )
7.9 ( .312 )
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
SO-8 Tape and Reel
Dimensions are shown in milimeters (inches)
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/


Similar Part No. - IRF8313PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8313PBF IRF-IRF8313PBF Datasheet
260Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRF8313PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9910PBF IRF-IRF9910PBF_15 Datasheet
299Kb / 10P
   Fully Characterized Avalanche Voltage and Current
IRF8707PBF IRF-IRF8707PBF_15 Datasheet
254Kb / 9P
   Fully Characterized Avalanche Voltage and Current
logo
Shenzhen Huazhimei Semi...
HM85N02K HMSEMI-HM85N02K Datasheet
705Kb / 6P
   Fully characterized avalanche voltage and current
logo
International Rectifier
IRF7821PBF IRF-IRF7821PBF_15 Datasheet
291Kb / 10P
   Fully Characterized Avalanche Voltage and Current
logo
Kersemi Electronic Co.,...
IRF1310NS KERSEMI-IRF1310NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
International Rectifier
IRF3305PBF IRF-IRF3305PBF_15 Datasheet
273Kb / 9P
   FULLY AVALANCHE RATED
logo
Kersemi Electronic Co.,...
IRF1010NS KERSEMI-IRF1010NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
GOOD-ARK Electronics
BSOZAA50M GOOD-ARK-BSOZAA50M Datasheet
42Kb / 1P
   Avalanche Voltage 37 to 41Volts Current 50 Amps
logo
International Rectifier
IRLRU3410 IRF-IRLRU3410 Datasheet
167Kb / 10P
   Logic Level Gate Drive / Fully Avalanche Rated
logo
GOOD-ARK Electronics
GAABJ50Z GOOD-ARK-GAABJ50Z_15 Datasheet
45Kb / 1P
    Press Fit Avalanche Automotive Rectifier Avalanche Voltage 24 to 32Volts Current 50 Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com