Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF8313PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF8313PBF
Description  Fully Characterized Avalanche Voltage and Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8313PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF8313PBF_15 Datasheet HTML 1Page - International Rectifier IRF8313PBF_15 Datasheet HTML 2Page - International Rectifier IRF8313PBF_15 Datasheet HTML 3Page - International Rectifier IRF8313PBF_15 Datasheet HTML 4Page - International Rectifier IRF8313PBF_15 Datasheet HTML 5Page - International Rectifier IRF8313PBF_15 Datasheet HTML 6Page - International Rectifier IRF8313PBF_15 Datasheet HTML 7Page - International Rectifier IRF8313PBF_15 Datasheet HTML 8Page - International Rectifier IRF8313PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF8313PbF
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.021
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
12.5
15.5
–––
18.6
21.6
VGS(th)
Gate Threshold Voltage
1.35
1.80
2.35
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-6.0
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
23
–––
–––
S
Qg
Total Gate Charge
–––
6.0
9.0
Qgs1
Pre-Vth Gate-to-Source Charge
–––
1.5
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
0.9
–––
Qgd
Gate-to-Drain Charge
–––
2.2
–––
Qgodr
Gate Charge Overdrive
–––
1.4
–––
See Figs. 17a & 17b
Qsw
Switch Charge (Qgs2 + Qgd)
–––
2.9
–––
Qoss
Output Charge
–––
3.8
–––
nC
Rg
Gate Resistance
–––
2.2
3.6
Ω
td(on)
Turn-On Delay Time
–––
8.3
–––
tr
Rise Time
–––
9.9
–––
td(off)
Turn-Off Delay Time
–––
8.5
–––
tf
Fall Time
–––
4.2
–––
Ciss
Input Capacitance
–––
760
–––
Coss
Output Capacitance
–––
172
–––
Crss
Reverse Transfer Capacitance
–––
87
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
(Body Diode)
ISM
Pulsed Source Current
–––
–––
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
20
30
ns
Qrr
Reverse Recovery Charge
–––
10
15
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
m
Ω
A
3.1
82
A
–––
ID = 8.0A
VGS = 0V
VDS = 15V
nC
ns
pF
VGS = 4.5V, ID = 8.0A e
VGS = 4.5V
Typ.
–––
VDS = VGS, ID = 25μA
RG = 1.8Ω
VDS = 15V, ID = 8.0A
VDS = 24V, VGS = 0V, TJ = 125°C
μA
nA
TJ = 25°C, IF = 8.0A, VDD = 15V
di/dt = 100A/μs
e
TJ = 25°C, IS = 8.0A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
MOSFET symbol
VDS = 16V, VGS = 0V
VDD = 15V, VGS = 4.5V
ID = 8.0A
VDS = 15V
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 9.7A e
Conditions
See Fig. 15a & 15b
Max.
46
8.0
ƒ = 1.0MHz


Similar Part No. - IRF8313PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8313PBF IRF-IRF8313PBF Datasheet
260Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRF8313PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9910PBF IRF-IRF9910PBF_15 Datasheet
299Kb / 10P
   Fully Characterized Avalanche Voltage and Current
IRF8707PBF IRF-IRF8707PBF_15 Datasheet
254Kb / 9P
   Fully Characterized Avalanche Voltage and Current
logo
Shenzhen Huazhimei Semi...
HM85N02K HMSEMI-HM85N02K Datasheet
705Kb / 6P
   Fully characterized avalanche voltage and current
logo
International Rectifier
IRF7821PBF IRF-IRF7821PBF_15 Datasheet
291Kb / 10P
   Fully Characterized Avalanche Voltage and Current
logo
Kersemi Electronic Co.,...
IRF1310NS KERSEMI-IRF1310NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
International Rectifier
IRF3305PBF IRF-IRF3305PBF_15 Datasheet
273Kb / 9P
   FULLY AVALANCHE RATED
logo
Kersemi Electronic Co.,...
IRF1010NS KERSEMI-IRF1010NS Datasheet
1Mb / 10P
   Fully Avalanche Rated
logo
GOOD-ARK Electronics
BSOZAA50M GOOD-ARK-BSOZAA50M Datasheet
42Kb / 1P
   Avalanche Voltage 37 to 41Volts Current 50 Amps
logo
International Rectifier
IRLRU3410 IRF-IRLRU3410 Datasheet
167Kb / 10P
   Logic Level Gate Drive / Fully Avalanche Rated
logo
GOOD-ARK Electronics
GAABJ50Z GOOD-ARK-GAABJ50Z_15 Datasheet
45Kb / 1P
    Press Fit Avalanche Automotive Rectifier Avalanche Voltage 24 to 32Volts Current 50 Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com