Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF8308MPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IRF8308MPBF
Description  Dual Sided Cooling Compatible
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8308MPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IRF8308MPBF Datasheet HTML 2Page - International Rectifier IRF8308MPBF Datasheet HTML 3Page - International Rectifier IRF8308MPBF Datasheet HTML 4Page - International Rectifier IRF8308MPBF Datasheet HTML 5Page - International Rectifier IRF8308MPBF Datasheet HTML 6Page - International Rectifier IRF8308MPBF Datasheet HTML 7Page - International Rectifier IRF8308MPBF Datasheet HTML 8Page - International Rectifier IRF8308MPBF Datasheet HTML 9Page - International Rectifier IRF8308MPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRF8308MPbF
10
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 24, 2014
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
MSL1
(per JEDEC J-STD-020D†††)
RoHS Compliant
Yes
Qualification Information
Qualification level
Consumer ††
(per JEDEC JESD47F††† guidelines)
Comments: This family of products has passed JEDEC’s Industrial
qualification. IR’s Consumer qualification level is granted by extension of
the higher Industrial level.
Moisture Sensitivity Level
DFET2
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
Date
Comments
• Updated ordering information to reflect the End-Of-life (EOL) of the mini-reel option (EOL notice #264)
• Added Qualification table on page 10
• Updated data sheet with new IR corporate template
Revision History
2/24/2014


Similar Part No. - IRF8308MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8308MPBF IRF-IRF8308MPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF8308MPBF IRF-IRF8308MPBF Datasheet
271Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
More results

Similar Description - IRF8308MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6715MPBF IRF-IRF6715MPBF_15 Datasheet
282Kb / 9P
   Dual Sided Cooling Compatible
IRF6716MPBF IRF-IRF6716MPBF_15 Datasheet
280Kb / 9P
   Dual Sided Cooling Compatible
IRF6714MPBF IRF-IRF6714MPBF_15 Datasheet
261Kb / 9P
   Dual Sided Cooling Compatible
IRF8302MPBF IRF-IRF8302MPBF_15 Datasheet
274Kb / 9P
   Dual Sided Cooling Compatible
logo
Infineon Technologies A...
V61-14.80M INFINEON-V61-14.80M Datasheet
146Kb / 2P
   Easy mounting for single sided cooling
2012-06-05 Revision: 3.0
V50-14.45M INFINEON-V50-14.45M Datasheet
218Kb / 2P
   Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
V72-14.150M INFINEON-V72-14.150M Datasheet
128Kb / 2P
   Easy mounting for single sided cooling
2012-05-05 Revision: 3.0
V50-14.45N INFINEON-V50-14.45N Datasheet
266Kb / 2P
   Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
V61-14.80N INFINEON-V61-14.80N Datasheet
132Kb / 2P
   Easy mounting for single sided cooling
2014-05-05 Revision: 3.0
V72-26.80M INFINEON-V72-26.80M Datasheet
195Kb / 2P
   Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com