Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF8308MPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRF8308MPBF
Description  Dual Sided Cooling Compatible
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8308MPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRF8308MPBF_15 Datasheet HTML 2Page - International Rectifier IRF8308MPBF_15 Datasheet HTML 3Page - International Rectifier IRF8308MPBF_15 Datasheet HTML 4Page - International Rectifier IRF8308MPBF_15 Datasheet HTML 5Page - International Rectifier IRF8308MPBF_15 Datasheet HTML 6Page - International Rectifier IRF8308MPBF_15 Datasheet HTML 7Page - International Rectifier IRF8308MPBF_15 Datasheet HTML 8Page - International Rectifier IRF8308MPBF_15 Datasheet HTML 9Page - International Rectifier IRF8308MPBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRF8308MPbF
8
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 24, 2014
DirectFET™ Part Marking
GATE MARKING
PART NUMBER
LOGO
BATCH NUMBER
DATE CODE
Line above the last character of
the date code indicates "Lead-Free"
CODE
A
B
C
D
E
F
G
H
J
K
L
M
P
0.017
0.028
0.007
0.040
0.095
0.156
0.028
0.018
0.028
MAX
0.250
0.38
0.59
0.08
0.88
2.28
3.85
0.68
0.35
0.68
MIN
6.25
4.80
0.42
0.70
0.17
1.02
2.42
3.95
0.72
0.45
0.72
MAX
6.35
5.05
0.015
0.023
0.003
0.090
0.035
0.152
0.027
0.027
0.014
MIN
0.189
0.246
METRIC
IMPERIAL
DIMENSIONS
1.38
1.42
0.80
0.84
0.056
0.054
0.033
0.031
R
0.03
0.08
0.001
0.003
Please see AN-1035 for DirectFET assembly details, stencil and substrate design recommendations
DirectFET™ Outline Dimension, MX Outline
(Medium Size Can, X-Designation)
Dimensions are shown in
millimeters (inches)
0.199
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/


Similar Part No. - IRF8308MPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8308MPBF IRF-IRF8308MPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF8308MPBF IRF-IRF8308MPBF Datasheet
271Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
More results

Similar Description - IRF8308MPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6715MPBF IRF-IRF6715MPBF_15 Datasheet
282Kb / 9P
   Dual Sided Cooling Compatible
IRF6716MPBF IRF-IRF6716MPBF_15 Datasheet
280Kb / 9P
   Dual Sided Cooling Compatible
IRF6714MPBF IRF-IRF6714MPBF_15 Datasheet
261Kb / 9P
   Dual Sided Cooling Compatible
IRF8302MPBF IRF-IRF8302MPBF_15 Datasheet
274Kb / 9P
   Dual Sided Cooling Compatible
logo
Infineon Technologies A...
V61-14.80M INFINEON-V61-14.80M Datasheet
146Kb / 2P
   Easy mounting for single sided cooling
2012-06-05 Revision: 3.0
V50-14.45M INFINEON-V50-14.45M Datasheet
218Kb / 2P
   Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
V72-14.150M INFINEON-V72-14.150M Datasheet
128Kb / 2P
   Easy mounting for single sided cooling
2012-05-05 Revision: 3.0
V50-14.45N INFINEON-V50-14.45N Datasheet
266Kb / 2P
   Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
V61-14.80N INFINEON-V61-14.80N Datasheet
132Kb / 2P
   Easy mounting for single sided cooling
2014-05-05 Revision: 3.0
V72-26.80M INFINEON-V72-26.80M Datasheet
195Kb / 2P
   Easy mounting for single sided cooling
2018-07-05 Revision: 3.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com