Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF8304MPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF8304MPBF
Description  Ultra Low Package Inductance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8304MPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF8304MPBF Datasheet HTML 1Page - International Rectifier IRF8304MPBF Datasheet HTML 2Page - International Rectifier IRF8304MPBF Datasheet HTML 3Page - International Rectifier IRF8304MPBF Datasheet HTML 4Page - International Rectifier IRF8304MPBF Datasheet HTML 5Page - International Rectifier IRF8304MPBF Datasheet HTML 6Page - International Rectifier IRF8304MPBF Datasheet HTML 7Page - International Rectifier IRF8304MPBF Datasheet HTML 8Page - International Rectifier IRF8304MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRF8304MPbF
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 17, 2014
2
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
22
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.7
2.2
m
–––
2.4
3.2
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-6.1
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
150
–––
–––
S
Qg
Total Gate Charge
–––
28
42
Qgs1
Pre-Vth Gate-to-Source Charge
–––
8.3
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
4.2
–––
nC
Qgd
Gate-to-Drain Charge
–––
7.9
–––
Qgodr
Gate Charge Overdrive
–––
7.6
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
12.1
–––
Qoss
Output Charge
–––
21
–––
nC
RG
Gate Resistance
–––
1.3
2.2
td(on)
Turn-On Delay Time
–––
16
–––
tr
Rise Time
–––
22
–––
ns
td(off)
Turn-Off Delay Time
–––
19
–––
tf
Fall Time
–––
13
–––
Ciss
Input Capacitance
–––
4700
–––
Coss
Output Capacitance
–––
960
–––
pF
Crss
Reverse Transfer Capacitance
–––
420
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
130
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
220
(Body Diode)
Ãg
VSD
Diode Forward Voltage
–––
0.77
1.0
V
trr
Reverse Recovery Time
–––
24
36
ns
Qrr
Reverse Recovery Charge
–––
39
59
nC
di/dt = 260A/µs
i
TJ = 25°C, IS = 22A, VGS = 0V i
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 22A i
VDS = VGS, ID = 100µA
TJ = 25°C, IF = 22A
VGS = 4.5V
ID = 22A
VGS = 0V
VDS = 15V
ID = 22A
VDD = 15V, VGS = 4.5VÃi
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 28A i
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
VDS = 15V
VDS = 24V, VGS = 0V, TJ = 125°C
MOSFET symbol
RG = 1.8Ω
VDS = 15V, ID = 22A
Conditions
See Fig. 17
ƒ = 1.0MHz
VDS = 16V, VGS = 0V


Similar Part No. - IRF8304MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8304MPBF IRF-IRF8304MPBF Datasheet
279Kb / 9P
   RoHS Compliant and Halogen Free
More results

Similar Description - IRF8304MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6718L2PBF IRF-IRF6718L2PBF Datasheet
236Kb / 10P
   Ultra Low Package Inductance
IRF8327SPBF IRF-IRF8327SPBF_15 Datasheet
264Kb / 10P
   Ultra Low Package Inductance
IRF8301MPBF IRF-IRF8301MPBF_15 Datasheet
344Kb / 10P
   Ultra-low Package Inductance
IRF6710S2PBF IRF-IRF6710S2PBF Datasheet
307Kb / 10P
   Ultra Low Package Inductance
logo
TDK Electronics
CLLE1AX7S0G225M-0.95 TDK-CLLE1AX7S0G225M-0.95 Datasheet
936Kb / 13P
   Ultra Low Inductance Capacitors
logo
International Rectifier
IRF6636 IRF-IRF6636 Datasheet
238Kb / 9P
   Low Resistance and Low Charge Along With Ultra Low Package Inductance to Reduce
logo
Cree, Inc
CAS325M12HM2 CREE-CAS325M12HM2 Datasheet
1Mb / 7P
   Ultra Low Loss, Low (5 nH) Inductance
logo
M/A-COM Technology Solu...
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
   Ultra Low Parasitic Capacitance and Inductance
logo
Vincotech
10-PZ123BA080MR-M909L28Y VINCOTECH-10-PZ123BA080MR-M909L28Y Datasheet
574Kb / 16P
   Ultra Low Inductance with integrated DC-capacitors
10-PZ12NMA027ME-M340F63Y VINCOTECH-10-PZ12NMA027ME-M340F63Y Datasheet
3Mb / 28P
   Ultra Low Inductance with Integrated DC-capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com