Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA4P275ST-1146T Datasheet(PDF) 7 Page - Tyco Electronics

Part # MA4P275ST-1146T
Description  Surface Mount Plastic PIN Diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4P275ST-1146T Datasheet(HTML) 7 Page - Tyco Electronics

Back Button MA4P275ST-1146T Datasheet HTML 3Page - Tyco Electronics MA4P275ST-1146T Datasheet HTML 4Page - Tyco Electronics MA4P275ST-1146T Datasheet HTML 5Page - Tyco Electronics MA4P275ST-1146T Datasheet HTML 6Page - Tyco Electronics MA4P275ST-1146T Datasheet HTML 7Page - Tyco Electronics MA4P275ST-1146T Datasheet HTML 8Page - Tyco Electronics MA4P275ST-1146T Datasheet HTML 9Page - Tyco Electronics MA4P275ST-1146T Datasheet HTML 10Page - Tyco Electronics MA4P275ST-1146T Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Surface Mount Plastic PIN Diodes
SMPP Series
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
Typical Forward Resistance vs DC Bias Current Curves @ 100 MHz
Resistance vs Forward Current
(MA4P282 Series)
Resistance vs Forward Current
(MA4P789 Series)
Resistance vs Forward Current
(MA4P277 Series)
7
Resistance vs Forward Current
(MA4P278 Series)
Resistance vs Forward Current
(MA4P275 Series)
Resistance vs Forward Current
(MA4P274 Series)
0.1
1
10
100
1000
10000
FORWARD BIAS CURRENT
1
µA
10
µA
100
µA
1mA
10mA
100mA
0.1
1
10
100
1000
10000
FORWARD BIAS CURRENT
1
µA
10
µA
100
µA
1mA
10mA
100mA
0.1
1
10
100
1000
10000
FORWARD BIAS CURRENT
1
µA
10
µA
100
µA
1mA
10mA
100mA
1
10
100
1000
10000
100000
FORWARD BIAS CURRENT
1
µA
10
µA
100
µA
1mA
10mA
100mA
0.1
1
10
100
1000
10000
FORWARD BIAS CURRENT
1
µA
10
µA
100
µA
1mA
10mA
100mA
0.1
1
10
100
1000
10000
FORWARD BIAS CURRENT
1
µA
10
µA
100
µA
1mA
10mA
100mA


Similar Part No. - MA4P275ST-1146T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P275 MACOM-MA4P275 Datasheet
116Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
MA4P275 MA-COM-MA4P275 Datasheet
241Kb / 10P
   PIN Diodes for Microwave Switch Designs
MA4P275 MA-COM-MA4P275 Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
MA4P275-287T MA-COM-MA4P275-287T Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
More results

Similar Description - MA4P275ST-1146T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-01063X-1392T-V4 MA-COM-MADP-01063X-1392T-V4 Datasheet
346Kb / 5P
   Surface Mount Plastic PIN Diodes
MADP-008120-12790T MA-COM-MADP-008120-12790T Datasheet
74Kb / 4P
   Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T_15 Datasheet
346Kb / 5P
   Surface Mount Plastic PIN Diodes
SMPP-SERIES MA-COM-SMPP-SERIES Datasheet
152Kb / 9P
   Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T Datasheet
762Kb / 6P
   Surface Mount Plastic PIN Diodes
SMPP MA-COM-SMPP Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
Tyco Electronics
SMPP MACOM-SMPP Datasheet
116Kb / 10P
   Surface Mount Plastic PIN Diodes
MADP-008120-12790T MACOM-MADP-008120-12790T Datasheet
76Kb / 4P
   Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
SMPP MA-COM-SMPP_15 Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com