Electronic Components Datasheet Search |
|
VCO191-1305UY Datasheet(PDF) 2 Page - RF Micro Devices |
|
VCO191-1305UY Datasheet(HTML) 2 Page - RF Micro Devices |
2 / 3 page 2 of 3 VCO191-1305UY DS120109 7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com. Absolute Maximum Ratings Parameter Rating Unit Operating Ambient Temperature -35 to +85 °C Storage Temperature -55 to +125 °C Parameter Specification Unit Condition Min. Typ. Max. Overall Frequency Range 1280 1305 1330 MHz Tuning Voltage 0.4 0.8 VDC 1280MHz 3.2 4 VDC 1330MHz Tuning Sensitivity 18 24 32 MHz/V Output Power -6 -3 0 dBm Output Phase Noise -102 -94 dBc/Hz 10kHz -122 -116 dBc/Hz 100kHz Harmonic Suppression -15 -10 dBc 2nd harmonic -20 -10 dBc 3rd harmonic Spurious (Non-Harmonic) -90 dBc Frequency Pushing 1.5 2 MHz p-p 2.75V to 3.25V Frequency Pulling 2 3 MHz p-p 12dB RL Tuning Port Capacitance 39 pF Output Impedance 50 Power Supply Operating Voltage 2.75 3 3.25 V Supply Current 6 8 mA Caution! ESD sensitive device. Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of Absolute Maximum Rating conditions to the device may reduce device reliability. Specified typical perfor- mance or functional operation of the device under Absolute Maximum Rating condi- tions is not implied. The information in this publication is believed to be accurate and reliable. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended appli- cation circuitry and specifications at any time without prior notice. RoHS (Restriction of Hazardous Substances): Compliant per EU Directive 2002/95/EC. |
Similar Part No. - VCO191-1305UY |
|
Similar Description - VCO191-1305UY |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |