Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F931E336MNCAJ6 Datasheet(PDF) 3 Page - AVX Corporation

Part # F931E336MNCAJ6
Description  Resin-Molded Chip - Automotive Product Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F931E336MNCAJ6 Datasheet(HTML) 3 Page - AVX Corporation

  F931E336MNCAJ6 Datasheet HTML 1Page - AVX Corporation F931E336MNCAJ6 Datasheet HTML 2Page - AVX Corporation F931E336MNCAJ6 Datasheet HTML 3Page - AVX Corporation F931E336MNCAJ6 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
24
MARCH 2015
F93-AJ6 Series
Resin-Molded Chip - Automotive Product Range
RATINGS & PART NUMBER REFERENCE
Item
All Case (%)
Damp Heat
±10
Temperature cycles
±10
Resistance soldering heat
±10
Surge
±10
Endurance
±10
Load Humidity
±10
* In case of capacitance tolerance ± 10% type, “K” will be put at 9th digit of type numbering system
AVX
Case Capacitance
Rated
DCL
DF
ESR
*1
Part No.
Size
(μF)
Voltage
(μA)
(%)
(Ω)
ΔC/C
(V)
@ 120Hz @ 100kHz
(%)
4 Volt
F930G226MAAAJ6
A
22
4
0.9
6
2.5
*
F930G336MAAAJ6
A
33
4
1.3
8
2.5
*
F930G476MAAAJ6
A
47
4
1.9
18
2.5
*
F930G686MAAAJ6
A
68
4
2.7
24
2.5
*
F930G107MAAAJ6
A
100
4
4
30
2.0
*
F930G107MBAAJ6
B
100
4
4
14
0.9
*
F930G157MBAAJ6
B
150
4
6
16
0.7
*
F930G227MBAAJ6
B
220
4
8.8
18
0.7
*
F930G227MCCAJ6
C
220
4
8.8
12
0.7
*
F930G337MCCAJ6
C
330
4
13.2
14
0.7
*
F930G477MNCAJ6
N
470
4
18.8
16
0.3
*
F930G687MNCAJ6
N
680
4
27.2
18
0.3
*
6.3 Volt
F930J106MAAAJ6
A
10
6.3
0.6
6
3.0
*
F930J156MAAAJ6
A
15
6.3
0.9
6
2.9
*
F930J226MAAAJ6
A
22
6.3
1.4
8
2.5
*
F930J336MAAAJ6
A
33
6.3
2.1
8
2.5
*
F930J476MAAAJ6
A
47
6.3
3
18
2.5
*
F930J476MBAAJ6
B
47
6.3
3
6
1.0
*
F930J686MAAAJ6
A
68
6.3
4.3
20
2.0
*
F930J686MBAAJ6
B
68
6.3
4.3
8
1.0
*
F930J107MBAAJ6
B
100
6.3
6.3
14
0.9
*
F930J107MCCAJ6
C
100
6.3
6.3
8
0.7
*
F930J157MBAAJ6
B
150
6.3
9.5
18
0.9
*
F930J157MCCAJ6
C
150
6.3
9.5
12
0.7
*
F930J227MCCAJ6
C
220
6.3
13.9
14
0.7
*
F930J227MNCAJ6
N
220
6.3
13.9
10
0.5
*
F930J337MNCAJ6
N
330
6.3
20.8
14
0.5
*
F930J477MNCAJ6
N
470
6.3
29.6
16
0.3
*
10 Volt
F931A475MAAAJ6
A
4.7
10
0.5
6
4.0
*
F931A685MAAAJ6
A
6.8
10
0.7
6
3.5
*
F931A106MAAAJ6
A
10
10
1
6
3.0
*
F931A156MAAAJ6
A
15
10
1.5
8
2.9
*
F931A226MAAAJ6
A
22
10
2.2
12
2.5
*
F931A226MBAAJ6
B
22
10
2.2
6
1.9
*
F931A336MAAAJ6
A
33
10
3.3
18
2.5
*
F931A336MBAAJ6
B
33
10
3.3
8
1.4
*
F931A476MBAAJ6
B
47
10
4.7
8
1.0
*
F931A476MCCAJ6
C
47
10
4.7
6
0.9
*
F931A686MBAAJ6
B
68
10
6.8
12
0.9
±15
F931A686MCCAJ6
C
68
10
6.8
8
0.8
*
F931A107MCCAJ6
C
100
10
10
10
0.7
*
F931A107MNCAJ6
N
100
10
10
8
0.6
*
F931A157MNCAJ6
N
150
10
15
10
0.6
*
F931A227MNCAJ6
N
220
10
22
12
0.5
*
F931A337MNCAJ6
N
330
10
33
18
0.5
*
16 Volt
F931C105MAAAJ6
A
1
16
0.5
4
7.5
*
F931C155MAAAJ6
A
1.5
16
0.5
4
6.0
*
F931C225MAAAJ6
A
2.2
16
0.5
4
5.0
*
F931C335MAAAJ6
A
3.3
16
0.5
4
4.5
*
F931C475MAAAJ6
A
4.7
16
0.8
6
4.0
*
F931C685MAAAJ6
A
6.8
16
1.1
6
3.5
*
F931C106MAAAJ6
A
10
16
1.6
6
3.0
*
AVX
Case Capacitance
Rated
DCL
DF
ESR
*1
Part No.
Size
(μF)
Voltage
(μA)
(%)
(Ω)
ΔC/C
(V)
@ 120Hz @ 100kHz
(%)
F931C106MBAAJ6
B
10
16
1.6
6
2.0
*
F931C156MAAAJ6
A
15
16
2.4
10
3.0
*
F931C156MBAAJ6
B
15
16
2.4
6
2.0
*
F931C226MBAAJ6
B
22
16
3.5
8
1.9
*
F931C226MCCAJ6
C
22
16
3.5
6
1.1
*
F931C336MBAAJ6
B
33
16
5.3
8
1.9
*
F931C336MCCAJ6
C
33
16
5.3
6
1.1
*
F931C476MCCAJ6
C
47
16
7.5
8
0.9
*
F931C476MNCAJ6
N
47
16
7.5
6
0.7
*
F931C686MCCAJ6
C
68
16
10.9
10
0.8
*
F931C686MNCAJ6
N
68
16
10.9
6
0.6
*
F931C107MNCAJ6
N
100
16
16
10
0.6
*
F931C157MNCAJ6
N
150
16
24
15
0.6
*
20 Volt
F931D225MAAAJ6
A
2.2
20
0.5
4
5.0
*
F931D335MAAAJ6
A
3.3
20
0.7
4
4.5
*
F931D475MAAAJ6
A
4.7
20
0.9
6
3.0
*
F931D475MBAAJ6
B
4.7
20
0.9
6
2.8
*
F931D685MAAAJ6
A
6.8
20
1.4
6
3.5
*
F931D685MBAAJ6
B
6.8
20
1.4
6
2.5
*
F931D106MAAAJ6
A
10
20
2
8
3.5
*
F931D106MBAAJ6
B
10
20
2
6
2.1
*
F931D156MCCAJ6
C
15
20
3
6
1.2
*
F931D226MBAAJ6
B
22
20
4.4
8
1.9
*
F931D226MCCAJ6
C
22
20
4.4
8
1.1
*
F931D336MCCAJ6
C
33
20
6.6
8
1.1
*
F931D336MNCAJ6
N
33
20
6.6
6
0.7
*
F931D476MCCAJ6
C
47
20
9.4
10
1.1
*
F931D476MNCAJ6
N
47
20
9.4
8
0.7
*
25 Volt
F931E105MAAAJ6
A
1
25
0.5
4
7.5
*
F931E155MAAAJ6
A
1.5
25
0.5
4
6.7
*
F931E225MAAAJ6
A
2.2
25
0.6
6
6.3
*
F931E335MAAAJ6
A
3.3
25
0.8
6
6.0
*
F931E475MAAAJ6
A
4.7
25
1.2
8
4.0
*
F931E475MBAAJ6
B
4.7
25
1.2
6
2.8
*
F931E106MBAAJ6
B
10
25
2.5
12
1.9
*
F931E106MCCAJ6
C
10
25
2.5
6
1.5
*
F931E156MCCAJ6
C
15
25
3.8
8
1.2
*
F931E226MCCAJ6
C
22
25
5.5
8
1.1
*
F931E226MNCAJ6
N
22
25
5.5
6
0.7
*
F931E336MNCAJ6
N
33
25
8.3
8
0.7
*
F931E476MNCAJ6
N
47
25
11.8
8
0.7
*
35 Volt
F931V105MAAAJ6
A
1
35
0.5
4
7.5
*
F931V155MAAAJ6
A
1.5
35
0.5
6
7.5
*
F931V225MAAAJ6
A
2.2
35
0.8
6
7.0
*
F931V225MBAAJ6
B
2.2
35
0.8
4
3.8
*
F931V335MBAAJ6
B
3.3
35
1.2
4
3.5
*
F931V475MBAAJ6
B
4.7
35
1.6
8
3.1
*
F931V475MCCAJ6
C
4.7
35
1.6
6
1.8
*
F931V685MCCAJ6
C
6.8
35
2.4
6
1.8
*
F931V106MCCAJ6
C
10
35
3.5
6
1.6
*
F931V156MNCAJ6
N
15
35
5.3
6
0.7
*
F931V226MNCAJ6
N
22
35
7.7
8
0.7
*
*1:
ΔC/C Marked “*”


Similar Part No. - F931E336MNCAJ6

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
F931E336MNC NICHICON-F931E336MNC Datasheet
136Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931E336MNC NICHICON-F931E336MNC Datasheet
467Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931E336MNC NICHICON-F931E336MNC Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931E336MNC NICHICON-F931E336MNC Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
F931E336MNC NICHICON-F931E336MNC Datasheet
140Kb / 2P
   SOLID TANTALUM ELECTROLYTIC CAPACITORS
More results

Similar Description - F931E336MNCAJ6

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F93-AJ6 AVX-F93-AJ6 Datasheet
241Kb / 5P
   Resin-Molded Chip - Automotive Product Range
F98 AVX-F98_15 Datasheet
117Kb / 3P
   Resin-Molded Chip, High CV Undertab
F98 AVX-F98 Datasheet
87Kb / 1P
   Resin-Molded Chip, High CV Frameless
logo
NEC
SVSP0J105M NEC-SVSP0J105M Datasheet
125Kb / 16P
   Surface mount resin molded, Ultra miniaturized chip
logo
AVX Corporation
F931C226KCC AVX-F931C226KCC Datasheet
86Kb / 2P
   Resin-Molded Chip, Standard Tantalum J-Lead
logo
Panasonic Semiconductor
ELJ-FA100JF PANASONIC-ELJ-FA100JF Datasheet
96Kb / 4P
   General use wire wound, resin molded chip inductor.
logo
AVX Corporation
F97-HT3 AVX-F97-HT3 Datasheet
482Kb / 5P
   High Temperature 135째C, Resin-molded Chip, High Reliability
logo
Tyco Electronics
2-1437629-0 MACOM-2-1437629-0 Datasheet
729Kb / 10P
   Product Range
logo
NEC
SVHB21V105M NEC-SVHB21V105M Datasheet
104Kb / 20P
   SURFACE MOUNT RESIN MOLDED TANTALUM CHIP CAPACITORS HIGH RELIABILITY
logo
Panasonic Semiconductor
ELJ-LA PANASONIC-ELJ-LA Datasheet
361Kb / 1P
   Resin-Molded Wirewound Power Chip Inductors Expanded Inductor Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com