Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P723-F14-D1-19 Datasheet(PDF) 2 Page - Vincotech

Part # V23990-P723-F14-D1-19
Description  fastPACK 0 2nd gen, 600V/ 60A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P723-F14-D1-19 Datasheet(HTML) 2 Page - Vincotech

  V23990-P723-F14-D1-19 Datasheet HTML 1Page - Vincotech V23990-P723-F14-D1-19 Datasheet HTML 2Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V23990-P723-F1
4-PM
final datasheet
fastPACK 0 2nd gen, 600V/ 60A
V23990-P723-F1
4-01-19
Output inverter application
Phase shifted ZVS,
Vgeon=
15 V
Vgeoff=0V
Rgon=
4 ohms
Rgoff=
2 ohms
Figure 5. Typical available electric
Figure 6.
Typical efficiency
peak output power as a
as a function of output power
function of heatsink temperature
Inverter
Pout=f(Th)
Inverter
efficiency=f(Pout)
Conditions:
Tj=125C
Conditions:
Tj=125C
Ioutpk/Iout=
1,3
DC link=
300 V
Ioutpk/Iout=
1,3
DC link=
300 V
Phaseshift=
1
Phaseshift=
1
Switching freq.
fsw from
10 kHz to
80 kHz
Switching freq.
fsw from
10 kHz to
80 kHz
parameter
in
* 2 steps
parameter
in
* 2 steps
80kHz
10kHz
0,0
2,0
4,0
6,0
8,0
10,0
12,0
14,0
16,0
18,0
20,0
0
20
40
60
80
100
120
80kHz
10kHz
95,0
95,5
96,0
96,5
97,0
97,5
98,0
98,5
99,0
99,5
100,0
02468
10
12
14
16
18
Pout (kW)
Copyright by Vincotech
2
Revision: 1


Similar Part No. - V23990-P723-F14-D1-19

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P723-F04-D1-14 VINCOTECH-V23990-P723-F04-D1-14 Datasheet
1Mb / 12P
   Maximum Ratings / H철chstzul채ssige Werte
V23990-P723-F04-D1-19 VINCOTECH-V23990-P723-F04-D1-19 Datasheet
678Kb / 5P
   fastPACK 0 2nd gen, 600V/ 60A
More results

Similar Description - V23990-P723-F14-D1-19

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P723-F04-D1-19 VINCOTECH-V23990-P723-F04-D1-19 Datasheet
678Kb / 5P
   fastPACK 0 2nd gen, 600V/ 60A
V23990-P722-F64-D1-14 VINCOTECH-V23990-P722-F64-D1-14 Datasheet
1Mb / 12P
   fastPACK 0 H 2nd gen
V23990-P623-F24-P2-14 VINCOTECH-V23990-P623-F24-P2-14 Datasheet
1Mb / 14P
   fast PACK 0 H 2nd gen
V23990-K223-A-T1-14 VINCOTECH-V23990-K223-A-T1-14 Datasheet
169Kb / 14P
   2nd Gen. PIM Size 2, 600V / 50A
V23990-K242-A-T1-14 VINCOTECH-V23990-K242-A-T1-14 Datasheet
171Kb / 13P
   2nd Gen. PIM Size 3, 600V / 75A
V23990-K222-A-T1-14 VINCOTECH-V23990-K222-A-T1-14 Datasheet
179Kb / 14P
   2nd Gen. PIM Size 2, 600V / 30A
V23990-K243-A-T1-14 VINCOTECH-V23990-K243-A-T1-14 Datasheet
174Kb / 13P
   2nd Gen. PIM Size 3, 600V / 100A
V23990-K204-A-T1-14 VINCOTECH-V23990-K204-A-T1-14 Datasheet
175Kb / 14P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 20A
V23990-K201-A-T1-14 VINCOTECH-V23990-K201-A-T1-14 Datasheet
161Kb / 14P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 6A
V23990-K203-A-P-14 VINCOTECH-V23990-K203-A-P-14 Datasheet
298Kb / 19P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 15A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com