Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN26D0UFB4 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN26D0UFB4
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN26D0UFB4 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN26D0UFB4_15 Datasheet HTML 1Page - Diodes Incorporated DMN26D0UFB4_15 Datasheet HTML 2Page - Diodes Incorporated DMN26D0UFB4_15 Datasheet HTML 3Page - Diodes Incorporated DMN26D0UFB4_15 Datasheet HTML 4Page - Diodes Incorporated DMN26D0UFB4_15 Datasheet HTML 5Page - Diodes Incorporated DMN26D0UFB4_15 Datasheet HTML 6Page - Diodes Incorporated DMN26D0UFB4_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMN26D0UFB4
Document number: DS31775 Rev. 11 - 2
2 of 7
www.diodes.com
May 2015
© Diodes Incorporated
DMN26D0UFB4
Marking Information
DMN26D0UFB4-7
DMN26D0UFB4-7B
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
10
V
Continuous Drain Current (Note 5) VGS = 4.5V
Steady
State
TA = +25°C
TA = +70°C
ID
240
190
mA
Continuous Drain Current (Note 5) VGS = 1.8V
Steady
State
TA = +25°C
TA = +70°C
ID
180
140
mA
Pulsed Drain Current - TP = 10µs
IDM
805
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Total Power Dissipation (Note 5) @TA = +25°C
PD
350
mW
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
e3
M1 = Part Marking Code
From date code 1527 (YYWW),
this changes to:
M1
Top View
Dot Denotes Drain Side
Top View
Bar Denotes Gate and Source Side
M1
Top View
Bar Denotes Gate and Source Side
M1


Similar Part No. - DMN26D0UFB4_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN26D0UFB4 DIODES-DMN26D0UFB4_12 Datasheet
130Kb / 6P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN26D0UFB4 DIODES-DMN26D0UFB4_16 Datasheet
291Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN26D0UFB4_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com