Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-FY07BIA041MC-M528E58 Datasheet(PDF) 6 Page - Vincotech

Part # 10-FY07BIA041MC-M528E58
Description  Low inductive 12mm flow1 package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FY07BIA041MC-M528E58 Datasheet(HTML) 6 Page - Vincotech

Back Button 10-FY07BIA041MC-M528E58 Datasheet HTML 2Page - Vincotech 10-FY07BIA041MC-M528E58 Datasheet HTML 3Page - Vincotech 10-FY07BIA041MC-M528E58 Datasheet HTML 4Page - Vincotech 10-FY07BIA041MC-M528E58 Datasheet HTML 5Page - Vincotech 10-FY07BIA041MC-M528E58 Datasheet HTML 6Page - Vincotech 10-FY07BIA041MC-M528E58 Datasheet HTML 7Page - Vincotech 10-FY07BIA041MC-M528E58 Datasheet HTML 8Page - Vincotech 10-FY07BIA041MC-M528E58 Datasheet HTML 9Page - Vincotech 10-FY07BIA041MC-M528E58 Datasheet HTML 10Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
10-FY07BIA041MC-M528E58
preliminary datasheet
Figure 5
MOSFET
Figure 6
MOSFET
Typical switching energy losses
Typical switching energy losses
as a function of collector current
as a function of gate resistor
E = f(IC)
E = f(RG)
With an inductive load at
With an inductive load at
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
400
V
VCE =
400
V
VGE =
10
V
VGE =
10
V
Rgon =
2
IC =
30
A
Rgoff =
2
Figure 7
FWD
Figure 8
FWD
Typical reverse recovery energy loss
Typical reverse recovery energy loss
as a function of collector current
as a function of gate resistor
Erec = f(Ic)Erec = f(RG)
With an inductive load at
With an inductive load at
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
400
V
VCE =
400
V
VGE =
10
V
VGE =
10
V
Rgon =
2
IC =
30
A
Pseudo H-Bridge
Eon High T
Eoff High T
Eon Low T
Eoff Low T
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
102030
405060
I C (A)
Eoff High T
Eon High T
Eon Low T
Eoff Low T
0.0
0.2
0.4
0.6
0.8
0
4
8
12
16
20
R G (Ω)
Erec High T
Erec Low T
0.00
0.02
0.04
0.06
0.08
0.10
0
102030
405060
I C (A)
Erec High T
Erec Low T
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0
4
8
12
16
20
R G (Ω)
6
Revision: 1
Copyright by Vincotech


Similar Part No. - 10-FY07BIA041MC-M528E58

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FY07BIA041MF-M528E68 VINCOTECH-10-FY07BIA041MF-M528E68 Datasheet
2Mb / 25P
   Low inductive 12mm flow1 package
More results

Similar Description - 10-FY07BIA041MC-M528E58

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FY06RIA080MF-M537D68 VINCOTECH-10-FY06RIA080MF-M537D68 Datasheet
3Mb / 31P
   Low inductive 12mm flow1 package
10-FY064PA050SG10-M582F08 VINCOTECH-10-FY064PA050SG10-M582F08 Datasheet
1Mb / 16P
   Low inductive 12mm flow1 package
10-FY06BIA050SG-M523E18 VINCOTECH-10-FY06BIA050SG-M523E18 Datasheet
9Mb / 27P
   Low inductive 12mm flow1 package
10-FY06BIA080MF-M527E58 VINCOTECH-10-FY06BIA080MF-M527E58 Datasheet
2Mb / 25P
   Low inductive 12mm flow1 package
10-FY07BIA041MF-M528E68 VINCOTECH-10-FY07BIA041MF-M528E68 Datasheet
2Mb / 25P
   Low inductive 12mm flow1 package
30-FT123BA040MR-L878L08 VINCOTECH-30-FT123BA040MR-L878L08 Datasheet
301Kb / 7P
   Low inductive package
V23990-P823-F10-P2-14 VINCOTECH-V23990-P823-F10-P2-14 Datasheet
1Mb / 16P
   Compact flow1 housing
logo
HK TO-GRACE TECHNOLOGY ...
LTW-020ZDCG-E2 TO-GRACE-LTW-020ZDCG-E2 Datasheet
681Kb / 11P
   Package in 12mm tape on 7
logo
Vincotech
V23990-P820-F10-P2-14 VINCOTECH-V23990-P820-F10-P2-14 Datasheet
2Mb / 16P
   Compact flow1 housing
V23990-P820-F-P2-14 VINCOTECH-V23990-P820-F-P2-14 Datasheet
1Mb / 16P
   Compact flow1 housing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com