Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP0805B0902AW Datasheet(PDF) 4 Page - AVX Corporation

Part # CP0805B0902AW
Description  Thin-Film Directional Couplers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CP0805B0902AW Datasheet(HTML) 4 Page - AVX Corporation

  CP0805B0902AW Datasheet HTML 1Page - AVX Corporation CP0805B0902AW Datasheet HTML 2Page - AVX Corporation CP0805B0902AW Datasheet HTML 3Page - AVX Corporation CP0805B0902AW Datasheet HTML 4Page - AVX Corporation CP0805B0902AW Datasheet HTML 5Page - AVX Corporation CP0805B0902AW Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Type: B
Sub-Type: C
I. Loss
Coupling
R. Loss
Isolation
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
1.10
1.30
1.50
1.70
1.90
Frequency (GHz)
2.10
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
2.30
2.50
COUP Port
RF IN
Port
RF OUT
Port
50 OHM
(External
Resistor)
LAYOUT
Type: B
Sub-Type: B
I. Loss
Coupling
R. Loss
Isolation
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
1.00
1.20
1.40
1.60
1.80
Frequency (GHz)
2.00
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
2.20
2.40
2.60
COUP Port
RF IN
Port
RF OUT
Port
50 OHM
(External
Resistor)
LAYOUT
Thin-Film Directional Couplers
CP0805 Layout Types
Application
P/N
Frequency
Coupling
I. Loss VSWR
Examples
Band [MHz]
[dB]
max
max
AMPS
CP0805B0836BW
824 - 849
23.5±1
CP0805B0881BW
869 - 894
23±1
GSM
CP0805B0902BW
890 - 915
22.5±1
CP0805B0947BW
935 - 960
22±1
E-GSM
CP0805B0897BW
880 - 915
23±1
CP0805B0942BW
925 - 960
22±1
0.25
PDC
CP0805B1441BW
1429 - 1453
18.5±1
PCN
CP0805B1747BW
1710 - 1785
17±1
CP0805B1842BW
1805 - 1880
16.5±1
1.2
PCS
CP0805B1880BW
1850 - 1910
16.5±1
CP0805B1960BW
1930 - 1990
16±1
PHP
CP0805B1907BW
1895 - 1920
16±1
DECT
CP0805B1890BW
1880 - 1900
16±1
Wireless LAN
CP0805B2442BW
2400 - 2484
14±1
0.4
Application
P/N
Frequency
Coupling
I. Loss VSWR
Examples
Band [MHz]
[dB]
max
max
AMPS
CP0805B0836CW
824 - 849
25±1
CP0805B0881CW
869 - 894
24.5±1
GSM
CP0805B0902CW
890 - 915
24±1
CP0805B0947CW
935 - 960
24±1
E-GSM
CP0805B0897CW
880 - 915
24.5±1
CP0805B0942CW
925 - 960
24±1
0.25
PDC
CP0805B1441CW
1429 - 1453
20±1
PCN
CP0805B1747CW
1710 - 1785
18.5±1
Cp0805B1842CW
1805 - 1880
18.5±1
1.2
PCS
CP0805B1880CW
1850 - 1910
18±1
Cp0805B1960CW
1930 - 1990
17.5±1
PHP
CP0805B1907CW
1895 - 1920
18±1
DECT
CP0805B1890CW
1880 - 1900
18±1
Wireless LAN
CP0805B2442CW
2400 - 2484
16±1
0.4
Important: Couplers can be used at any frequency within the indicated range.
RF IN
COUP
RF OUT
50 OHM
Sn100 LAYOUT
RF IN
COUP
RF OUT
50 OHM
Sn100 LAYOUT
3
67


Similar Part No. - CP0805B0902AW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805B0902AW AVX-CP0805B0902AW Datasheet
162Kb / 5P
   Thin-Film Directional Couplers
More results

Similar Description - CP0805B0902AW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805 AVX-CP0805 Datasheet
162Kb / 5P
   Thin-Film Directional Couplers
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
CP0603SMD AVX-CP0603SMD Datasheet
126Kb / 4P
   Thin-Film Directional Couplers
DB0805 AVX-DB0805 Datasheet
104Kb / 13P
   Thin-Film Directional Couplers
CP0402 AVX-CP0402 Datasheet
235Kb / 5P
   Thin-Film Directional Couplers
DB0603N AVX-DB0603N Datasheet
133Kb / 11P
   Thin-Film Directional Couplers
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0402W2700FNTR AVX-CP0402W2700FNTR Datasheet
287Kb / 3P
   Thin Film Directional Couplers Wide Band High Directivity
logo
TDK Electronics
TFSC06054125-2113A1 TDK-TFSC06054125-2113A1 Datasheet
74Kb / 6P
   Thin-film Directional Coupler
TFSC06053925-2111B2X TDK-TFSC06053925-2111B2X Datasheet
106Kb / 6P
   Thin-Film Directional Coupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com