Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP0603B2442AS Datasheet(PDF) 1 Page - AVX Corporation

Part # CP0603B2442AS
Description  Thin-Film Directional Couplers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CP0603B2442AS Datasheet(HTML) 1 Page - AVX Corporation

  CP0603B2442AS Datasheet HTML 1Page - AVX Corporation CP0603B2442AS Datasheet HTML 2Page - AVX Corporation CP0603B2442AS Datasheet HTML 3Page - AVX Corporation CP0603B2442AS Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
60
Thin-Film Directional Couplers
CP0603 SMD Type
QUALITY INSPECTION
Finished parts are 100% tested for electrical parameters and
visual characteristics. Each production lot is evaluated on a
sample basis for:
• Static Humidity: 85°C, 85% RH, 160 hours
• Endurance: 125°C, I
R, 4 hours
TERMINATION
Nickel/Solder coating compatible with automatic soldering
technologies: reflow, wave soldering, vapor phase and
manual.
The ITF SMD Coupler is based on thin-film multilayer technology.
The technology provides a miniature part with excellent high frequency
performance and rugged construction for reliable automatic assembly.
The ITF Coupler is offered in a variety of frequency bands compatible with
various types of high frequency wireless systems.
APPLICATIONS
• Mobile Communications
• Satellite TV Receivers
• GPS
• Vehicle Location Systems
• Wireless LAN’s
L
W
B
T
B1
A
Bottom View
Top View
0603
L
1.6±0.1
(0.063±0.004)
W
0.84±0.1
(0.033±0.004)
T
0.60±0.1
(0.028±0.004)
A
0.35±0.15
(0.014±0.006)
B
0.175±0.1
(0.007±0.004)
B1
0.00+0.1/0-0.0
(0.00+0.004/-0.0)
CP
Style
Directional Coupler
0603
Size
0603
X
Type
****
Frequency
MHz
X
Sub Type
S
Termination
Code
W = Sn90, Pb10
**S = Sn100
TR
Packaging Code
TR = Tape and Reel
HOW TO ORDER
GENERAL DESCRIPTION
ITF (Integrated Thin-Film) TECHNOLOGY
1.85
(0.073)
0.45
(0.018)
0.28
(0.011)
1.08
(0.043)
OUT
50 OHM
IN
COUPLING
Orientation in tape
Recommended Pad Layout Dimensions
mm (inches)
FEATURES
• Miniature Size: 0603
• Frequency Range: 800MHz - 3GHz
• Characteristic Impedance: 50Ω
• Operating / Storage Temp.: -40ºC to +85ºC
• Power Rating: 3W Continuous
• Low Profile
• Rugged Construction
• Taped and Reeled
DIMENSIONS:
millimeters (inches)
TERMINALS (Top View)
Not RoHS Compliant
LEAD-FREE COMPATIBLE
COMPONENT
**RoHS compliant
For RoHS compliant products,
please select correct termination style.
3
60


Similar Part No. - CP0603B2442AS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
CP0603Q5425ENTR AVX-CP0603Q5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0603V0836CNTR AVX-CP0603V0836CNTR Datasheet
108Kb / 3P
   Mobile communications
More results

Similar Description - CP0603B2442AS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805SMD AVX-CP0805SMD Datasheet
169Kb / 6P
   Thin-Film Directional Couplers
CP0805 AVX-CP0805 Datasheet
162Kb / 5P
   Thin-Film Directional Couplers
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
DB0805 AVX-DB0805 Datasheet
104Kb / 13P
   Thin-Film Directional Couplers
CP0402 AVX-CP0402 Datasheet
235Kb / 5P
   Thin-Film Directional Couplers
DB0603N AVX-DB0603N Datasheet
133Kb / 11P
   Thin-Film Directional Couplers
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0402W2700FNTR AVX-CP0402W2700FNTR Datasheet
287Kb / 3P
   Thin Film Directional Couplers Wide Band High Directivity
logo
TDK Electronics
TFSC06054125-2113A1 TDK-TFSC06054125-2113A1 Datasheet
74Kb / 6P
   Thin-film Directional Coupler
TFSC06053925-2111B2X TDK-TFSC06053925-2111B2X Datasheet
106Kb / 6P
   Thin-Film Directional Coupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com