Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-F006PPA020SB01-M685B10 Datasheet(PDF) 9 Page - Vincotech

Part # 10-F006PPA020SB01-M685B10
Description  Clip in PCB mounting
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-F006PPA020SB01-M685B10 Datasheet(HTML) 9 Page - Vincotech

Back Button 10-F006PPA020SB01-M685B10 Datasheet HTML 5Page - Vincotech 10-F006PPA020SB01-M685B10 Datasheet HTML 6Page - Vincotech 10-F006PPA020SB01-M685B10 Datasheet HTML 7Page - Vincotech 10-F006PPA020SB01-M685B10 Datasheet HTML 8Page - Vincotech 10-F006PPA020SB01-M685B10 Datasheet HTML 9Page - Vincotech 10-F006PPA020SB01-M685B10 Datasheet HTML 10Page - Vincotech 10-F006PPA020SB01-M685B10 Datasheet HTML 11Page - Vincotech 10-F006PPA020SB01-M685B10 Datasheet HTML 12Page - Vincotech 10-F006PPA020SB01-M685B10 Datasheet HTML 13Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
10-F006PPA020SB01-M685B10
preliminary datasheet
Figure 13
Output inverter FWD
Figure 14
Output inverter FWD
Typical reverse recovery charge as a
Typical reverse recovery charge as a
function of collector current
function of IGBT turn on gate resistor
Qrr = f(IC)
Qrr = f(Rgon)
At
At
At
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
400
V
VR =
400
V
VGE =
±15
V
IF =
20
A
Rgon =
16
VGE =
±15
V
Figure 15
Output inverter FWD
Figure 16
Output inverter FWD
Typical reverse recovery current as a
Typical reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
IRRM = f(IC)
IRRM = f(Rgon)
At
At
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
400
V
VR =
400
V
VGE =
±15
V
IF =
20
A
Rgon =
16
VGE =
±15
V
Output Inverter
Tj = Tjmax - 25°C
Tj = 25°C
IRRM
0
10
20
30
40
0
16
32
48
64
80
R gon ( Ω
Ω )
IRRM
Tj = Tjmax -25°C
Qrr
Tj = 25°C
Qrr
0,0
0,5
1,0
1,5
2,0
2,5
0
20
40
60
80
R g on ( Ω)
Tj = Tjmax -25°C
IRRM
Tj = 25°C
IRRM
0
3
6
9
12
15
0
5
10
15
20
25
30
I C (A)
Tj = Tjmax -25°C
Qrr
Tj = 25°C
Qrr
0,0
0,5
1,0
1,5
2,0
2,5
0
5
10
15
20
25
30
I C (A)
copyright Vincotech
9
Revision: 1


Similar Part No. - 10-F006PPA020SB01-M685B10

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F006PPA020SB-M685B VINCOTECH-10-F006PPA020SB-M685B Datasheet
3Mb / 30P
   Clip in PCB mounting
More results

Similar Description - 10-F006PPA020SB01-M685B10

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F006PPA020SB-M685B VINCOTECH-10-F006PPA020SB-M685B Datasheet
3Mb / 30P
   Clip in PCB mounting
V23990-P638-A40-PM VINCOTECH-V23990-P638-A40-PM Datasheet
2Mb / 23P
   Clip-in PCB mounting
10-F006PPA006SB-M682B VINCOTECH-10-F006PPA006SB-M682B Datasheet
3Mb / 31P
   Clip in PCB mounting
10-R106PPA020SB01-M934A VINCOTECH-10-R106PPA020SB01-M934A Datasheet
2Mb / 31P
   Clip in PCB mounting
V23990-P700-F40-PM VINCOTECH-V23990-P700-F40-PM Datasheet
419Kb / 17P
   Clip-in PCB mounting
10-F006PPA010SB-M683B VINCOTECH-10-F006PPA010SB-M683B Datasheet
1Mb / 30P
   Clip in PCB mounting
V23990-P707-F40-PM VINCOTECH-V23990-P707-F40-PM Datasheet
1Mb / 17P
   Clip-in PCB mounting
V23990-P708-F40-PM VINCOTECH-V23990-P708-F40-PM Datasheet
1Mb / 17P
   Clip-in PCB mounting
V23990-P625-F24-P1-14 VINCOTECH-V23990-P625-F24-P1-14 Datasheet
1Mb / 14P
   Clip-in PCB mounting
V23990-P640-G20-PM VINCOTECH-V23990-P640-G20-PM Datasheet
1Mb / 16P
   Clip-in PCB mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com