Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-F006PPA015SB-M684B Datasheet(PDF) 1 Page - Vincotech

Part # 10-F006PPA015SB-M684B
Description  Clip in PCB mounting
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-F006PPA015SB-M684B Datasheet(HTML) 1 Page - Vincotech

  10-F006PPA015SB-M684B Datasheet HTML 1Page - Vincotech 10-F006PPA015SB-M684B Datasheet HTML 2Page - Vincotech 10-F006PPA015SB-M684B Datasheet HTML 3Page - Vincotech 10-F006PPA015SB-M684B Datasheet HTML 4Page - Vincotech 10-F006PPA015SB-M684B Datasheet HTML 5Page - Vincotech 10-F006PPA015SB-M684B Datasheet HTML 6Page - Vincotech 10-F006PPA015SB-M684B Datasheet HTML 7Page - Vincotech 10-F006PPA015SB-M684B Datasheet HTML 8Page - Vincotech 10-F006PPA015SB-M684B Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
10-F006PPA015SB-M684B
preliminary datasheet
flowPIM0+PFC 2nd
600V/15A
● Clip in PCB mounting
● Trench Fieldstop IGBT's for low saturation losses
● Latest generation superjunction MOSFET for PFC
● Industrial Drives
● Embedded Drives
● 10-F006PPA015SB-M684B
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
1600
V
Th=80°C
26
Tc=80°C
36
Th=80°C
32
Tc=80°C
48
Maximum Junction Temperature
Tjmax
150
°C
Power dissipation per Diode
I
2t
W
A
200
Types
I2t-value
Maximum Ratings
IFAV
A
2s
IFSM
Condition
Input Rectifier Diode
200
A
Features
flowPIM0+PFC 2nd
Target Applications
Schematic
DC forward current
Surge forward current
Tj=150°C
Tj=Tjmax
tp=10ms
Tj=Tjmax
Ptot
copyright Vincotech
1
Revision: 1


Similar Part No. - 10-F006PPA015SB-M684B

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F006PPA010SB-M683B VINCOTECH-10-F006PPA010SB-M683B Datasheet
1Mb / 30P
   Clip in PCB mounting
More results

Similar Description - 10-F006PPA015SB-M684B

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F006PPA020SB-M685B VINCOTECH-10-F006PPA020SB-M685B Datasheet
3Mb / 30P
   Clip in PCB mounting
V23990-P638-A40-PM VINCOTECH-V23990-P638-A40-PM Datasheet
2Mb / 23P
   Clip-in PCB mounting
10-F006PPA006SB-M682B VINCOTECH-10-F006PPA006SB-M682B Datasheet
3Mb / 31P
   Clip in PCB mounting
10-F006PPA020SB01-M685B10 VINCOTECH-10-F006PPA020SB01-M685B10 Datasheet
620Kb / 30P
   Clip in PCB mounting
10-R106PPA020SB01-M934A VINCOTECH-10-R106PPA020SB01-M934A Datasheet
2Mb / 31P
   Clip in PCB mounting
V23990-P700-F40-PM VINCOTECH-V23990-P700-F40-PM Datasheet
419Kb / 17P
   Clip-in PCB mounting
10-F006PPA010SB-M683B VINCOTECH-10-F006PPA010SB-M683B Datasheet
1Mb / 30P
   Clip in PCB mounting
V23990-P707-F40-PM VINCOTECH-V23990-P707-F40-PM Datasheet
1Mb / 17P
   Clip-in PCB mounting
V23990-P708-F40-PM VINCOTECH-V23990-P708-F40-PM Datasheet
1Mb / 17P
   Clip-in PCB mounting
V23990-P625-F24-P1-14 VINCOTECH-V23990-P625-F24-P1-14 Datasheet
1Mb / 14P
   Clip-in PCB mounting
V23990-P640-G20-PM VINCOTECH-V23990-P640-G20-PM Datasheet
1Mb / 16P
   Clip-in PCB mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com