Electronic Components Datasheet Search |
|
CP0603A1880CS Datasheet(PDF) 1 Page - AVX Corporation |
|
CP0603A1880CS Datasheet(HTML) 1 Page - AVX Corporation |
1 / 4 page 60 Thin-Film Directional Couplers CP0603 SMD Type QUALITY INSPECTION Finished parts are 100% tested for electrical parameters and visual characteristics. Each production lot is evaluated on a sample basis for: • Static Humidity: 85°C, 85% RH, 160 hours • Endurance: 125°C, I R, 4 hours TERMINATION Nickel/Solder coating compatible with automatic soldering technologies: reflow, wave soldering, vapor phase and manual. The ITF SMD Coupler is based on thin-film multilayer technology. The technology provides a miniature part with excellent high frequency performance and rugged construction for reliable automatic assembly. The ITF Coupler is offered in a variety of frequency bands compatible with various types of high frequency wireless systems. APPLICATIONS • Mobile Communications • Satellite TV Receivers • GPS • Vehicle Location Systems • Wireless LAN’s L W B T B1 A Bottom View Top View 0603 L 1.6±0.1 (0.063±0.004) W 0.84±0.1 (0.033±0.004) T 0.60±0.1 (0.028±0.004) A 0.35±0.15 (0.014±0.006) B 0.175±0.1 (0.007±0.004) B1 0.00+0.1/0-0.0 (0.00+0.004/-0.0) CP Style Directional Coupler 0603 Size 0603 X Type **** Frequency MHz X Sub Type S Termination Code W = Sn90, Pb10 **S = Sn100 TR Packaging Code TR = Tape and Reel HOW TO ORDER GENERAL DESCRIPTION ITF (Integrated Thin-Film) TECHNOLOGY 1.85 (0.073) 0.45 (0.018) 0.28 (0.011) 1.08 (0.043) OUT 50 OHM IN COUPLING Orientation in tape Recommended Pad Layout Dimensions mm (inches) FEATURES • Miniature Size: 0603 • Frequency Range: 800MHz - 3GHz • Characteristic Impedance: 50Ω • Operating / Storage Temp.: -40ºC to +85ºC • Power Rating: 3W Continuous • Low Profile • Rugged Construction • Taped and Reeled DIMENSIONS: millimeters (inches) TERMINALS (Top View) Not RoHS Compliant LEAD-FREE COMPATIBLE COMPONENT **RoHS compliant For RoHS compliant products, please select correct termination style. 3 60 |
Similar Part No. - CP0603A1880CS |
|
Similar Description - CP0603A1880CS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |