Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP0603A0897CS Datasheet(PDF) 4 Page - AVX Corporation

Part # CP0603A0897CS
Description  Thin-Film Directional Couplers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CP0603A0897CS Datasheet(HTML) 4 Page - AVX Corporation

  CP0603A0897CS Datasheet HTML 1Page - AVX Corporation CP0603A0897CS Datasheet HTML 2Page - AVX Corporation CP0603A0897CS Datasheet HTML 3Page - AVX Corporation CP0603A0897CS Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thin-Film Directional Couplers
CP0603 SMD Type – High Directivity
Coupler P/N CP0603D****AS
Frequency Coupling I. Loss Return Directivity
Application
P/N
Band
[dB]
max.
Loss
[dB]
Examples
[MHz]
[dB]
[dB]
AMPS
CP0603D0836AS
824 - 849
13.50
23
CP0603D0881AS
869 - 894
13.00
GSM
CP0603D0902AS
890 - 915
CP0603D0947AS
935 - 960
12.50
0.50
22
21
E-GSM
CP0603D0897AS
880 - 915
13.00
CP0603D0942AS
925 - 960
12.50
PDC
CP0603D1441AS 1429 - 1453
9.00
1.00
18
19
PCN
CP0603D1747AS 1710 - 1785
8.00
17
18
CP0603D1842AS 1805 - 1880
7.50
PCS
CP0603D1880AS 1850 - 1910
CP0603D1960AS 1930 - 1990
1.40
17
PHP
CP0603D1907AS 1895 - 1920
7.00
16
DECT
CP0603D1890AS 1880 - 1900
Wireless LAN CP0603D2442AS 2400 - 2484
5.50
2.00
15
15
Important: Couplers can be used at any frequency within the indicated range.
Coupler P/N CP0603D****BW
Frequency Coupling I. Loss Return Directivity
Application
P/N
Band
[dB]
max.
Loss
[dB]
Examples
[MHz]
[dB]
[dB]
AMPS
CP0603D0836BS
824 - 849
20.00
36
CP0603D0881BS
869 - 894
19.50
GSM
CP0603D0902BS
890 - 915
35
CP0603D0947BS
935 - 960
19.00
0.25
E-GSM
CP0603D0897BS
880 - 915
19.50
36
CP0603D0942BS
925 - 960
19.00
35
PDC
CP0603D1441BS 1429 - 1453
15.50
0.40
30
PCN
CP0603D1747BS 1710 - 1785
14.00
0.50
28
19
CP0603D1842BS 1805 - 1880
PCS
CP0603D1880BS 1850 - 1910
13.50
CP0603D1960BS 1930 - 1990
0.55
27
PHP
CP0603D1907BS 1895 - 1920
13.00
DECT
CP0603D1890BS 1880 - 1900
Wireless LAN CP0603D2442BS 2400 - 2484
11.00
0.70
24
I. Loss
Coupling
Return Loss
Isolation
0
-10
-20
-30
-40
-5
-15
-25
-35
0
-2
-4
-6
-8
-10
-12
-14
-16
0.8
1.0
1.2
1.4
1.6
Frequency (GHz)
1.8
2.0
2.2
2.4
CP0603D****AS
I. Loss
Coupling
Return Loss
Isolation
0
-10
-20
-30
-40
-5
-15
-25
-35
-45
0
-2
-1
-4
-3
-6
-5
-8
-7
-9
0.8
1.0
1.2
1.4
1.6
Frequency (GHz)
1.8
2.0
2.2
2.4
CP0603D****BS
3
63


Similar Part No. - CP0603A0897CS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
CP0603Q5425ENTR AVX-CP0603Q5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0603V0836CNTR AVX-CP0603V0836CNTR Datasheet
108Kb / 3P
   Mobile communications
More results

Similar Description - CP0603A0897CS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CP0805SMD AVX-CP0805SMD Datasheet
169Kb / 6P
   Thin-Film Directional Couplers
CP0805 AVX-CP0805 Datasheet
162Kb / 5P
   Thin-Film Directional Couplers
CP0603 AVX-CP0603 Datasheet
264Kb / 7P
   Thin-Film Directional Couplers
DB0805 AVX-DB0805 Datasheet
104Kb / 13P
   Thin-Film Directional Couplers
CP0402 AVX-CP0402 Datasheet
235Kb / 5P
   Thin-Film Directional Couplers
DB0603N AVX-DB0603N Datasheet
133Kb / 11P
   Thin-Film Directional Couplers
CP0302P5425ENTR AVX-CP0302P5425ENTR Datasheet
101Kb / 2P
   Thin Film Directional Couplers WiFi Band High Directivity
CP0402W2700FNTR AVX-CP0402W2700FNTR Datasheet
287Kb / 3P
   Thin Film Directional Couplers Wide Band High Directivity
logo
TDK Electronics
TFSC06054125-2113A1 TDK-TFSC06054125-2113A1 Datasheet
74Kb / 6P
   Thin-film Directional Coupler
TFSC06053925-2111B2X TDK-TFSC06053925-2111B2X Datasheet
106Kb / 6P
   Thin-Film Directional Coupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com