Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-0B126PA008SC-M998F09 Datasheet(PDF) 1 Page - Vincotech

Part # 10-0B126PA008SC-M998F09
Description  IGBT4(1200V)technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-0B126PA008SC-M998F09 Datasheet(HTML) 1 Page - Vincotech

  10-0B126PA008SC-M998F09 Datasheet HTML 1Page - Vincotech 10-0B126PA008SC-M998F09 Datasheet HTML 2Page - Vincotech 10-0B126PA008SC-M998F09 Datasheet HTML 3Page - Vincotech 10-0B126PA008SC-M998F09 Datasheet HTML 4Page - Vincotech 10-0B126PA008SC-M998F09 Datasheet HTML 5Page - Vincotech 10-0B126PA008SC-M998F09 Datasheet HTML 6Page - Vincotech 10-0B126PA008SC-M998F09 Datasheet HTML 7Page - Vincotech 10-0B126PA008SC-M998F09 Datasheet HTML 8Page - Vincotech 10-0B126PA008SC-M998F09 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
10-0B126PA008SC-M998F09
target datasheet
Copyright Vincotech
1
4 Dec 2014 / Revision 1
Inverter switch maximum ratings
Inverter diode maximum ratings


Similar Part No. - 10-0B126PA008SC-M998F09

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-0B126PA004SC-M997F09 VINCOTECH-10-0B126PA004SC-M997F09 Datasheet
894Kb / 14P
   IGBT4(1200V)technology
More results

Similar Description - 10-0B126PA008SC-M998F09

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-0B126PA015SC-M999F09 VINCOTECH-10-0B126PA015SC-M999F09 Datasheet
904Kb / 14P
   IGBT4(1200V)technology
10-0B126PA004SC-M997F09 VINCOTECH-10-0B126PA004SC-M997F09 Datasheet
894Kb / 14P
   IGBT4(1200V)technology
V23990-K229-A41-PM VINCOTECH-V23990-K229-A41-PM Datasheet
1Mb / 18P
   Trench Fieldstop IGBT4 technology
V23990-P828-F-P2-14 VINCOTECH-V23990-P828-F-P2-14 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT4 Technology
V23990-K200-A40-PM VINCOTECH-V23990-K200-A40-PM Datasheet
2Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-P709-F40-P1-14 VINCOTECH-V23990-P709-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
30-F2127PA100SC-L179E09 VINCOTECH-30-F2127PA100SC-L179E09 Datasheet
1Mb / 30P
   Trench Fieldstop IGBT4 Technology
V23990-K427-A40-PM VINCOTECH-V23990-K427-A40-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-P700-F44 VINCOTECH-V23990-P700-F44 Datasheet
413Kb / 17P
   Trench Fieldstop IGBT4 Technology
V23990-P828-F10-P2-14 VINCOTECH-V23990-P828-F10-P2-14 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT4 Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com